Electronic Components Datasheet Search
  English  ▼

X  

STW4811MBRA/LF Datasheet(PDF) 84 Page - STMicroelectronics

Part # STW4811MBRA/LF
Description  Power management for multimedia processors
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4811MBRA/LF Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STW4811MBRA/LF Datasheet HTML 78Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 79Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 80Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 81Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 82Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 83Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 84Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 85Page - STMicroelectronics STW4811MBRA/LF Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 86 page
background image
STw4811M/STw4811N
Ordering information
83/85
8
Ordering information
Note:
STw4811M: Vaux OFF at start up
STw4811N: Vaux ON at start up
Table 58.
Order codes
Part number
Package
Packing
STW4811MBHD/LF
TFBGA84- 6x 6 x 1.2 mm / 0.5 mm pitch
Tray
STW4811MBHDT/LF
TFBGA84- 6x 6 x 1.2 mm / 0.5 mm pitch
Tape and Reel
STW4811MBRA/LF
VFBGA 84 - 4.6x 4.6 x 1 mm / 0.4 mm pitch
Tray
STW4811MBRAT/LF
VFBGA 84 - 4.6x 4.6 x 1 mm / 0.4 mm pitch
Tape and Reel
STW4811NBHD/LF
TFBGA84- 6x 6 x 1.2 mm / 0.5 mm pitch
Tray
STW4811NBHDT/LF
TFBGA84- 6x 6 x 1.2 mm / 0.5 mm pitch
Tape and Reel
STW4811NBRA/LF
VFBGA 84 - 4.6x 4.6 x 1 mm / 0.4 mm pitch
Tray
STW4811NBRAT/LF
VFBGA 84 - 4.6x 4.6 x 1 mm / 0.4 mm pitch
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com