Electronic Components Datasheet Search
  English  ▼

X  

STW5095 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW5095
Description  Low-power asynchronous stereo audio Codec with integrated power amplifiers
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW5095_07 Datasheet HTML 9Page - STMicroelectronics STW5095_07 Datasheet HTML 10Page - STMicroelectronics STW5095_07 Datasheet HTML 11Page - STMicroelectronics STW5095_07 Datasheet HTML 12Page - STMicroelectronics STW5095_07 Datasheet HTML 13Page - STMicroelectronics STW5095_07 Datasheet HTML 14Page - STMicroelectronics STW5095_07 Datasheet HTML 15Page - STMicroelectronics STW5095_07 Datasheet HTML 16Page - STMicroelectronics STW5095_07 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Functional description
STw5095
12/72
4
Functional description
4.1
Power supply
STw5095 can have different supply voltages for different blocks, to optimize performance,
power consumption and connectivity. See
Operative supply voltage on page 52 for voltage
definition.
The correct sequence to apply supply voltage is to set first (and unset last) the digital I/O
supply (VCCIO). The other supply voltages can be set in any order and can be disconnected
individually, if needed. Disconnection does not cause any harm to the device and no extra
current is pulled from any supply during this operation. Moreover if a voltage conflict is
detected, like VCCA < VCC (not allowed), simply all blocks connected to VCCA are set to
power down and no extra current is pulled from supply.
When VCCIO is set and VCC (digital supply) is not set, all the digital output pins are in high
impedance state, while the digital inputs are disconnected to avoid power consumption for
any input voltage value between GND and VCCIO. Before VCC is disconnected the device
has to be reset (SWRES bit in CR30).
When the analog supply (VCCA) is set and VCC is not set, all the analog inputs are in high
impedance state.
The control registers are powered by VCC pin (digital supply) so if this pin is disconnected
all the information stored in control registers is lost. When the digital supply voltage is set, a
power-on-reset (POR) circuit sets all the registers content to the default value and then
generates an IRQ signal writing 1 in bits PORMSK and POREV in CR31 and CR32
respectively.
All supplies must be on during operation.
4.2
Device programming
STw5095 can be programmed by writing Control Registers with SPI or I2C compatible
control interface (both slave). The interface is always active, there is no need to have the
master clock running to program the device registers.
The choice between the two interfaces is done via an input pin (CMOD):
1.
CMOD connected to GND: I2C compatible mode selected
The device address is selected with AS pin:
2.
When this mode is selected control registers are accessed through pins:
SCLK (clock)
SDA (serial data out/in, open drain)
3.
CMOD connected to VCCIO: SPI compatible mode selected
When this mode is selected control registers are accessed through:
CSB (chip select, active low)
SCLK (clock)
SDIN (serial data in)
AD_OCK or DA_OCK or IRQ (serial data out, if selected)
AS connected to GND: chip address 00110101(35hex) for reading, 00110100 (34hex) for writing
AS connected to VCCIO: chip address 00110111(37hex) for reading, 00110110 (36hex) for writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com