Electronic Components Datasheet Search
  English  ▼

X  

VS6451 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VS6451
Description  Ultra small CIF reflowable camera module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6451 Datasheet(HTML) 2 Page - STMicroelectronics

  VS6451_07 Datasheet HTML 1Page - STMicroelectronics VS6451_07 Datasheet HTML 2Page - STMicroelectronics VS6451_07 Datasheet HTML 3Page - STMicroelectronics VS6451_07 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VS6451
2/4
Figure 1.
Application diagram
Figure 2.
Block diagram
Table 1.
Technical specifications
Parameter
Values
Pixel array
CIF+ portrait and landscape
Sensor technology
0.18 µm HCMOS8i shrink
Pixel size
3.6µm x 3.6µm
Exposure control
+8 dB
Analogue gain
+24 dB (max)
Dynamic range
61 dB
Signal to noise
34 dB (@ 100 lux)
Minimum illumination
< 7lux
Supply voltage
Analogue: 2.4V to 2.9V
Digital: 1.8V ± 0.1V
Average power consumption @ 30fps
<60 mW
Module size (XYZ) max
4.5 mm x 4.5 mm x 3.55 mm
Lens HFOV
45°+/- 2° (CIF+, CIF equiv. 45°)
F number
2.8
Lens SFR
On axis 45% (typ)
Horizontal field (70%) 25% (typical)
Lens TV distortion
<|5%|
Relative illumination
60% (typ)
System connectivity
Lead free reflowable BGA
Storage temperature
[-40; +85]°C
Functional operating temperature
[-30; +70]°C
Normal operating temperature
[-25; +55]°C
Optimal operating temperature
[+5; +30]°C
Baseband
or
Application
Processor
CLK
PDN
CCI
CCP2.0
STV0984
or
STV0976
Processor
I2C
CCP2.0
CLK
PDN
CIF+
VS6451
CCI
Baseband
or
Application
Processor
CCP2.0
SMIA Rx’er
or
ITU
CLK
PDN
camera
module
CIF+
VS6451
camera
module
SCL
SDA
EXTCLK
CLKP
DATAP
DATAN
VANA
AGND
VDIG
DGND
1152 x 864
CIF+
Column ADC
X Decoder
Line SRAM
SMIA
profile 0
Sensor
Control
PLL and Clock Management
Power Mgmt
Power-On Reset
Pixel array
VS6451
CLKN
Registers
frame
formatter
XSHUTDOWN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com