Electronic Components Datasheet Search
  English  ▼

X  

VX6852 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VX6852
Description  QXGA EDOF camera module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6852 Datasheet(HTML) 2 Page - STMicroelectronics

  VX6852 Datasheet HTML 1Page - STMicroelectronics VX6852 Datasheet HTML 2Page - STMicroelectronics VX6852 Datasheet HTML 3Page - STMicroelectronics VX6852 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical specifications
VX6852
2/4
1
Technical specifications
2
Ordering information
Table 1.
Technical specifications
Parameter
Description
Pixel resolution
2048 x 1536 (QXGA)
Sensor technology
ST IMG175 process
Pixel size
1.75 µm x 1.75 µm
Exposure control
+ 81 dB
Analogue gain
+ 24 dB (max)
Digital gain
+ 6 dB (max)
Dynamic range
60 dB
Signal to noise
36 dB (@ 100 lux)
Supply voltages
Analogue: 2.4 V to 2.9 V
Digital: 1.7 V to 1.9 V
Average power consumption
<200 mW (Viewfinder mode)
<460 mW (Capture mode)
Package size (lxwxh)
6.5 mm x 6.5 mm x 4.6 mm
Lens
58° +/-2° HFOV F/2.6
TV distortion
<-0.28%, <+0.5%
Relative illumination
40 % (typ.)
System attach
SMIA65 socket
Table 2.
Ordering information
Order code
Package
Packing
VX6852Q038/T2(1)
1.
ECOPACK® package
SMIA65 for socket attachment
Tape and reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com