Electronic Components Datasheet Search
  English  ▼

X  

105PF Datasheet(PDF) 2 Page - International Rectifier

Part # 105PF
Description  STANDARD RECOVERY DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

105PF Datasheet(HTML) 2 Page - International Rectifier

  105PF Datasheet HTML 1Page - International Rectifier 105PF Datasheet HTML 2Page - International Rectifier 105PF Datasheet HTML 3Page - International Rectifier 105PF Datasheet HTML 4Page - International Rectifier 105PF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
105PF40T
2
Final I2028 rev. D 01/05
www.irf.com
Parameter
105PF
Units Conditions
T
J
Max.junctionoperatingtemperaturerange
-40 to 180
Tstg
Max. storage temperature range
-40 to 180
RthJC
Max. thermal resistance, junction to case
0.25
AC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Allowable mounting torque
2.8
N m
Top thread; using bus-bar or plate, only.
25
lbf
· in
Avoid silicone grease on thread
3.4 +0-10%
N m
Bottom base; tighting on nut (1)
30
lbf
· in
Not lubricated threads
2.3 +0-10%
N m
Bottom base; tighting on hexagon (2)
20
lbf
· in
Lubricated threads
wt
Approximate weight
17 (0.6)
g (oz)
unleaded device
Case style
DO-203AB (DO5)
See Outline Table
°C
0.25
°C/W
Thermal and Mechanical Specifications
I
F(AV)
Max. average forward current
105
A
180° conduction, half sine wave
@ Case temperature
150
°C
150
A
135
°C
I
F(RMS)
Max. RMS forward current
160
A
I
FSM
Max. peak, one-cycle forward,
2300
t = 10ms
No voltage
non-repetitive surge current
2400
t = 8.3ms
reapplied
1970
t = 10ms
100% V
RRM
2050
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
26450
t = 10ms
No voltage
Initial T
J = TJ max.
23900
t = 8.3ms
reapplied
19400
t = 10ms
100% V
RRM
17440
t = 8.3ms
reapplied
I2√t
Maximum I2√t for fusing
200
kA2√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Value of threshold
voltage
r
f
Value of forward slope
resistance
VFM
Max. forward voltage drop
1.05
V
VIpk= 200A, TJ = 25°C, tp = 400µs rectangular wave
Parameter
105PF
Units Conditions
1.0
m Ω
T
J = TJ max.
0.75
V
T
J = TJ max.
A2s
A
Forward Conduction
Voltage
V
RRM, maximum
V
RSM, maximum non-
I
RRM max.
Type number
Code
repetitive peak
repetitive peak
@ T
J = 150°C
reversevoltage
reversevoltage
VV
mA
105PF
40
400
500
5
ELECTRICAL SPECIFICATIONS
Voltage Ratings
(1) As general recommendation we
suggest to tight on hexagon and not on nut
(2) Torque must be appliable only to hexagon
and not to plastic structure



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com