Electronic Components Datasheet Search
  English  ▼

X  

STD4NK50 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STD4NK50
Description  N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK50 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STD4NK50 Datasheet HTML 5Page - STMicroelectronics STD4NK50 Datasheet HTML 6Page - STMicroelectronics STD4NK50 Datasheet HTML 7Page - STMicroelectronics STD4NK50 Datasheet HTML 8Page - STMicroelectronics STD4NK50 Datasheet HTML 9Page - STMicroelectronics STD4NK50 Datasheet HTML 10Page - STMicroelectronics STD4NK50 Datasheet HTML 11Page - STMicroelectronics STD4NK50 Datasheet HTML 12Page - STMicroelectronics STD4NK50 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STP4NK50Z - STP4NK50ZFP - STD4NK50Z - STD4NK50Z-1
10/13
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13