Electronic Components Datasheet Search
  English  ▼

X  

ZVG55W-A2 Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG55W-A2
Description  3.2mmx1.6mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG55W-A2 Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG55W-A2 Datasheet HTML 1Page - SunLED Corporation ZVG55W-A2 Datasheet HTML 2Page - SunLED Corporation ZVG55W-A2 Datasheet HTML 3Page - SunLED Corporation ZVG55W-A2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 23,2008
Drawing No : SDSA6231
V1
Checked : B.L.LIU
P.1/4
3.2mmx1.6mm SMD CHIP LED LAMP
Part Number:
ZVG55W-A2
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG55W-A2
Green
InGaAlP
Water Clear
70
198
574
70°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
3.2mmx1.6mm SMT LED, 1.1mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak Emis-
sion (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - ZVG55W-A2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG55W-1 SUNLED-ZVG55W-1 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZVG55W-2 SUNLED-ZVG55W-2 Datasheet
189Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
ZVG55W-3 SUNLED-ZVG55W-3 Datasheet
192Kb / 4P
3.2x1.6mm SMD CHIP LED LAMP
More results

Similar Description - ZVG55W-A2

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216EC KINGBRIGHT-APT3216EC Datasheet
274Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216RWF-A KINGBRIGHT-APT3216RWF-A Datasheet
389Kb / 7P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216SGC KINGBRIGHT-APT3216SGC Datasheet
173Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC KINGBRIGHT-APT3216ZGC Datasheet
279Kb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZMDK55W-A2 SUNLED-ZMDK55W-A2 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZUR55W-1 SUNLED-ZUR55W-1 Datasheet
188Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
ZMO55W-1 SUNLED-ZMO55W-1 Datasheet
184Kb / 4P
3.2mmx1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT3216YC TO-GRACE-APT3216YC Datasheet
1Mb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216QWF-G TO-GRACE-APT3216QWF-G Datasheet
1Mb / 6P
3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC-G TO-GRACE-APT3216ZGC-G Datasheet
1Mb / 5P
3.2mmx1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com