Electronic Components Datasheet Search
  English  ▼

X  

ZVG46W-9 Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZVG46W-9
Description  SUBMINIATURE SOLID STATE LAMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG46W-9 Datasheet(HTML) 1 Page - SunLED Corporation

  ZVG46W-9 Datasheet HTML 1Page - SunLED Corporation ZVG46W-9 Datasheet HTML 2Page - SunLED Corporation ZVG46W-9 Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Published Date : MAY 23,2006
Drawing No : SDSA4600
V2
Checked : B.L.LIU
P.1/3
www.SunLED.com
Part Number:
ZVG46W-9
SUBMINIATURE SOLID STATE LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZVG46W-9
Green
InGaAlP
Water Clear
110
397
574
20°
Absolute Maximum Ratings
(TA=25°C))))
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
105
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
VG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ p
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
570
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
∆λ
20
nm
Capacitance
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C))))
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
Features
SUBMINIATURE PACKAGE.
WIDE VIEWING ANGLE.
Z-BEND LEAD.
LONG LIFE-SOLID STATE RELIABILITY.
LOW PACKAGE PROFILE.
PACKAGE : 1000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.


Similar Part No. - ZVG46W-9

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZVG46W-3 SUNLED-ZVG46W-3 Datasheet
193Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG46W-8 SUNLED-ZVG46W-8 Datasheet
196Kb / 4P
SUBMINIATURE SOLID STATE LAMP
More results

Similar Description - ZVG46W-9

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AM27SEC09 KINGBRIGHT-AM27SEC09 Datasheet
138Kb / 4P
SUBMINIATURE SOLID STATE LAMP
logo
SunLED Corporation
ZM2CR46W-8 SUNLED-ZM2CR46W-8 Datasheet
195Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZMDK64W-9 SUNLED-ZMDK64W-9 Datasheet
197Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZUR46W-8 SUNLED-ZUR46W-8 Datasheet
193Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZMG46W-3 SUNLED-ZMG46W-3 Datasheet
192Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZUR64W-8 SUNLED-ZUR64W-8 Datasheet
203Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZUY64W-8 SUNLED-ZUY64W-8 Datasheet
202Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZVG46W-3 SUNLED-ZVG46W-3 Datasheet
193Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZMO46W-3 SUNLED-ZMO46W-3 Datasheet
189Kb / 4P
SUBMINIATURE SOLID STATE LAMP
ZMO64W-3 SUNLED-ZMO64W-3 Datasheet
200Kb / 4P
SUBMINIATURE SOLID STATE LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com