Electronic Components Datasheet Search
  English  ▼

X  

ZVG48WA Datasheet(PDF) 3 Page - SunLED Corporation

Part # ZVG48WA
Description  SOT-23 SURFACE MOUNT LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZVG48WA Datasheet(HTML) 3 Page - SunLED Corporation

  ZVG48WA Datasheet HTML 1Page - SunLED Corporation ZVG48WA Datasheet HTML 2Page - SunLED Corporation ZVG48WA Datasheet HTML 3Page - SunLED Corporation ZVG48WA Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.SunLED.com
Published Date : FEB 28,2008
Drawing No : SDSA4591
V2
Checked : B.L.LIU
P.3/4
Part Number:
ZVG48WA
SOT-23 SURFACE MOUNT LED LAMP
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4