Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7625
Description  16-Bit, 6MSPS PulSAR Differential ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7625 Datasheet HTML 3Page - Analog Devices AD7625 Datasheet HTML 4Page - Analog Devices AD7625 Datasheet HTML 5Page - Analog Devices AD7625 Datasheet HTML 6Page - Analog Devices AD7625 Datasheet HTML 7Page - Analog Devices AD7625 Datasheet HTML 8Page - Analog Devices AD7625 Datasheet HTML 9Page - Analog Devices AD7625 Datasheet HTML 10Page - Analog Devices AD7625 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Preliminary Technical Data
AD7625
Rev. PrB | Page 7 of 11
Pin No.
Mnemonic
Type1
Description
18
VDD2
P
Analog 2.5V Supply.
19, 20
VDD1
P
Analog 5V supply. Isolate from Pin 1 with a ferrite bead.
21
VCM
AO
Common Mode Output.
When using any reference scheme, this pin produces ½ of the voltage present on the REF pin which can
be useful for driving the common mode of the input amplifiers.
22
IN-
AI
Differential Negative Analog Input.
Referenced to and must be driven 180° out of phase with IN+.
23
IN+
AI
Differential Positive Analog Input.
Referenced to and must be driven 180° out of phase with IN-.
24
GND
P
Ground.
25, 26,
28
CAP2
AO
Connect all three pins to a single 10uF X5R capacitor with the shortest distance. The other side of the
capacitor must be placed close to pin 27 (GND).
27
GND
P
Ground.
Return path for 10uF capacitor connected to pins 25, 26, and 28.
29, 30,
32
REF
AI/O
Buffered Reference Voltage.
When using the internal reference or 1.2V external reference (REFIN input), the 4.096V system reference
is produced at this pin.
When using an external reference, like the ADR434 or ADR444, the internal reference buffer must be
disabled.
In either case, connect all three pins to a single 10uF X5R capacitor with the shortest distance. The other
side of the capacitor must be placed close to pin 31 (GND)
31
GND
P
Ground.
Return path for 10uF capacitor connected to pins 29, 30, and 32.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com