Electronic Components Datasheet Search
  English  ▼

X  

AD9116 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9116
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9116 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9116 Datasheet HTML 8Page - Analog Devices AD9116 Datasheet HTML 9Page - Analog Devices AD9116 Datasheet HTML 10Page - Analog Devices AD9116 Datasheet HTML 11Page - Analog Devices AD9116 Datasheet HTML 12Page - Analog Devices AD9116 Datasheet HTML 13Page - Analog Devices AD9116 Datasheet HTML 14Page - Analog Devices AD9116 Datasheet HTML 15Page - Analog Devices AD9116 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 12 of 48
Pin No.
Mnemonic
Description
36
SCLK/CLKMD
Clock Input for Serial Port in SPI Mode.
Clock Mode. In pin mode, determines phase of internal retiming clock.
DCLKIO = CLKIN: Tie to 0.
DCLKIO ≠ CLKIN: Pulse 0 to 1 to edge trigger the internal retimer (see the Retimer section).
37
SDIO/FORMAT
Bidirectional Data Line for Serial Port in SPI Mode.
Data Format. In pin mode, determines data format of digital data.
38
CS/PWRDN
Active Low Chip Select in SPI Mode.
Power Down. In pin mode, powers down the device except for SPI port.
39
DB11 (MSB)
Digital Input (MSB).
40
DB10
Digital Input.
Heat Sink Pad
The heat sink pad is connected to AVSS and must be soldered to the ground plane. Exposed metal at package
corners is connected to this pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com