Electronic Components Datasheet Search
  English  ▼

X  

STB55NF06L-1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB55NF06L-1
Description  N-CHANNEL 60V - 0.014ohm - 55A TO-220/FP/D2PAK/I2PAK STripFET™ I POWER MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB55NF06L-1 Datasheet(HTML) 5 Page - STMicroelectronics

  STB55NF06L-1 Datasheet HTML 1Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 2Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 3Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 4Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 5Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 6Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 7Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 8Page - STMicroelectronics STB55NF06L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
STP55NF06L - STP55NF06LFP - STB55NF06L - STB55NF06L-1
Source-drain Diode Forward Characteristics
Normalized On Resistance vs Temperature
Capacitance Variations
Gate Charge vs Gate-source Voltage
Normalized Gate Threshold Voltage vs Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12