Electronic Components Datasheet Search
  English  ▼

X  

STP13NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP13NK60Z
Description  N-CHANNEL 600V-0.48廓-13A-TO-220/FP-D짼/I짼PAK-TO-247 Zener-Protected SuperMESH??MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP13NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP13NK60Z Datasheet HTML 1Page - STMicroelectronics STP13NK60Z Datasheet HTML 2Page - STMicroelectronics STP13NK60Z Datasheet HTML 3Page - STMicroelectronics STP13NK60Z Datasheet HTML 4Page - STMicroelectronics STP13NK60Z Datasheet HTML 5Page - STMicroelectronics STP13NK60Z Datasheet HTML 6Page - STMicroelectronics STP13NK60Z Datasheet HTML 7Page - STMicroelectronics STP13NK60Z Datasheet HTML 8Page - STMicroelectronics STP13NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 2
September 2005
1/17
17
STB13NK60Z - STB13NK60Z-1
STP13NK60Z/FP - STW13NK60Z
N-CHANNEL 600V - 0.48
Ω - 13A - TO-220/FP - D²/I²PAK - TO-247
Zener-Protected SuperMESH™ MOSFET
General features
■
GATE CHARGE MINIMIZED
■
VERY LOW INTRINSIC CAPACITANCES
■
VERY GOOD MANUFACTURING
REPEABILITY
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
■
HIGH CURRENT, HIGH SPEED SWITCHING
■
SWITCH MODE POWER SUPPLIES
■
DC-AC CONVERTERS FOR WELDING, UPS
AND MOTOR DRIVE
Order codes
Package
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB13NK60Z-1
STB13NK60Z
STP13NK60ZFP
STP13NK60Z
STW13NK60Z
600 V
600 V
600 V
600 V
600 V
<0.55
Ω
<0.55
Ω
<0.55
Ω
<0.55
Ω
<0.55
Ω
13 A
13 A
13 A
13 A
13 A
150 W
150 W
35 W
150 W
150 W
TO-220
TO-220FP
TO-247
1
2
3
1
2
3
1
3
1
2
3
I²PAK
D²PAK
1
2
3
Sales Type
Marking
Package
Packaging
STB13NK60Z-1
B13NK60Z-1
I²PAK
TUBE
STB13NK60ZT4
B13NK60Z
D²PAK
TAPE & REEL
STP13NK60ZFP
P13NK60ZFP
TO-220FP
TUBE
STP13NK60Z
P13NK60Z
TO-220
TUBE
STW13NK60Z
W13NK60Z
TO-247
TUBE
www.st.com


Similar Part No. - STP13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
495Kb / 18P
N-channel 600 V, 0.48, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH Power MOSFET
15-Apr-2009
logo
Inchange Semiconductor ...
STP13NK60Z ISC-STP13NK60Z Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP13NK60ZFP STMICROELECTRONICS-STP13NK60ZFP Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
More results

Similar Description - STP13NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™Power MOSFET
Feb-2003
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
06-Sep-2005
STP16NK60Z STMICROELECTRONICS-STP16NK60Z Datasheet
283Kb / 11P
N-CHANNEL 600V - 0.38??- 14A TO-220 / I2SPAK / TO-247 Zener-Protected SuperMESH??MOSFET
Mar-2004
STB9NK90Z STMICROELECTRONICS-STB9NK90Z Datasheet
577Kb / 16P
N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
20-Jul-2006
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
26-Jul-2005
STW13NK100Z STMICROELECTRONICS-STW13NK100Z_06 Datasheet
319Kb / 14P
N-channel 1000V - 0.56??- 13A - TO-247 Zener - Protected SuperMESH??PowerMOSFET
01-Aug-2006
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_06 Datasheet
452Kb / 15P
N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
10-Mar-2006
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_06 Datasheet
492Kb / 19P
N-channel 600V - 0.65Ω - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH??Power MOSFET
19-Sep-2006
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
N-channel 500V - 0.30Ω - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
05-Jan-2007
STB13NK60ZT4 STMICROELECTRONICS-STB13NK60ZT4 Datasheet
497Kb / 18P
N-channel 600 V, 0.48 Ω, 13 A, TO-220, TO-220FP, D2PAK TO-247 Zener-protected SuperMESH??Power MOSFET
15-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com