| Electronic Components Datasheet Search |
|
LX256VCF48435 Datasheet(PDF) 7 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LX256VCF48435 Datasheet(HTML) 7 Page - Lattice Semiconductor |
|
7 / 72 page ![]() Lattice Semiconductor ispGDX2 Family Data Sheet 7 Figure 4. ispGDX2 Family Control Array sysIO Banks The inputs and outputs of ispGDX2 devices are divided into eight sysIO banks, where each bank is capable of sup- porting different I/O standards. The number of I/Os per bank is 32, 16 and 8 for the 256-, 128- and 64-I/O devices respectively. Each sysIO bank has its own I/O supply voltage (VCCO) and reference voltage (VREF), allowing each bank complete independence from the other banks. Each I/O within a bank can be individually configured to any standard consistent with the VCCO and VREF settings. Figure 5 shows the I/O banks for the ispGDX2-256 device. The I/O of the ispGDX2 devices contain a programmable strength and slew rate tri-state output buffer, a program- mable input buffer, a programmable pull-up resistor, a programmable pull-down resistor and a programmable bus- keeper latch. These programmable capabilities allow the support of a wide range of I/O standards. MUX Select to Nibble 0 MUX Select to Nibble 1 MUX Select to Nibble 2 MUX Select to Nibble 3 To MRB Clock/ Clock Enable To MRB Set/Reset To MRB Output Enable 32 Inputs from Control GRP Each connection is programmable. On selected blocks, this signal can reset the M Divider of the PLL. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |