Electronic Components Datasheet Search
  English  ▼

X  

A25L040 Datasheet(PDF) 39 Page - AMIC Technology

Part # A25L040
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L040 Datasheet(HTML) 39 Page - AMIC Technology

Back Button A25L040 Datasheet HTML 33Page - AMIC Technology A25L040 Datasheet HTML 34Page - AMIC Technology A25L040 Datasheet HTML 35Page - AMIC Technology A25L040 Datasheet HTML 36Page - AMIC Technology A25L040 Datasheet HTML 37Page - AMIC Technology A25L040 Datasheet HTML 38Page - AMIC Technology A25L040 Datasheet HTML 39Page - AMIC Technology A25L040 Datasheet HTML 40Page - AMIC Technology A25L040 Datasheet HTML 41Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
38
AMIC Technology Corp.
Package Information
P-DIP 8L Outline Dimensions
unit: inches/mm
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.180
-
-
4.57
A1
0.015
-
-
0.38
-
-
A2
0.128
0.130
0.136
3.25
3.30
3.45
B
0.014
0.018
0.022
0.36
0.46
0.56
B1
0.050
0.060
0.070
1.27
1.52
1.78
B2
0.032
0.039
0.046
0.81
0.99
1.17
C
0.008
0.010
0.013
0.20
0.25
0.33
D
0.350
0.360
0.370
8.89
9.14
9.40
E
0.290
0.300
0.315
7.37
7.62
8.00
E1
0.254
0.260
0.266
6.45
6.60
6.76
e1
-
0.100
-
-
2.54
-
L
0.125
-
-
3.18
-
-
EA
0.345
-
0.385
8.76
-
9.78
S
0.016
0.021
0.026
0.41
0.53
0.66
Notes:
1. Dimension D and E1 do not include mold flash or protrusions.
2. Dimension B1 does not include dambar protrusion.
3. Tolerance: ±0.010” (0.25mm) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com