Electronic Components Datasheet Search
  English  ▼

X  

LX256VCFN48435 Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # LX256VCFN48435
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCFN48435 Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button LX256VCFN48435 Datasheet HTML 61Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 62Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 63Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 64Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 65Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 66Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 67Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 68Page - Lattice Semiconductor LX256VCFN48435 Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
65
GND
5
-
-
-
-
-
-
GND
BK5_IO28
5
94P
5B
12
-
HSI5B_RXD0/TXD0
FIFO5B_DIN0/DOUT0
J4
BK5_IO29
5
94N
5B
13
-
HSI5B_SYDT
5
-J3
BK5_IO30
5
95P
5B
14
SS_CLKIN0P
-
-
L6
BK5_IO31/
CLK_OUT0
5
95N
5B
15
SS_CLKIN0N
-
FIFO5B_FULL
L5
GCLK/CE0
-
CLK0P
-
-
-
-
-
L4
SEL0
-
-
-
-
-
-
-
K3
SEL1
-
-
-
-
-
-
-
K2
GCLK/CE1
-
CLK0N
-
-
-
-
-
N1
BK6_IO0/
CLK_OUT1
6
96N
7A
0
SS_CLKOUT0N
-
FIFO7A_EMPTY
N6
BK6_IO1
6
96P
7A
1
SS_CLKOUT0P
-
-
N5
BK6_IO2
6
97N
7A
2
HSI7A_CDRRST
-
FIFO7A_FIFORSTb
M5
BK6_IO3
6
97P
7A
3
FIFO7A_STRDb
6
--
M6
GND
6
-
-
-
-
-
-
GND
BK6_IO4
6
98N
7A
4
HSI7A_SINN
HSI7A_RECCLK
-
P6
BK6_IO5
6
98P
7A
5
HSI7A_SINP
HSI7A_RXD9/TXD9
FIFO7A_DIN9/DOUT9
P5
BK6_IO6
6
99N
7A
6
-
HSI7A_RXD8/TXD8
FIFO7A_DIN8/DOUT8
N3
BK6_IO7
6
99P
7A
7
-
HSI7A_RXD7/TXD7
FIFO7A_DIN7/DOUT7
N2
BK6_IO8
6
100N
7A
8
HSI7A_SYDT
5
HSI7A_RXD6/TXD6
FIFO7A_DIN6/DOUT6
P3
BK6_IO9
6
100P
7A
9
HSI7_CSLOCK
HSI7A_RXD5/TXD5
FIFO7A_DIN5/DOUT5
P1
BK6_IO10
6
101N
7A
10
HSI7A_SOUTN
HSI7A_RXD4/TXD4
FIFO7A_DIN4/DOUT4
N7
BK6_IO11
6
101P
7A
11
HSI7A_SOUTP
HSI7A_RXD3/TXD3
FIFO7A_DIN3/DOUT3
P7
GND
6
-
-
-
-
-
-
GND
BK6_IO12
6
102N
7A
12
-
HSI7A_RXD2/TXD2
FIFO7A_DIN2/DOUT2
R3
BK6_IO13
6
102P
7A
13
Note 4
HSI7A_RXD1/TXD1
FIFO7A_DIN1/DOUT1
R2
BK6_IO14
6
103N
7A
14
-
HSI7A_RXD0/TXD0
FIFO7A_DIN0/DOUT0
R1
BK6_IO15
6
103P
7A
15
-
HSI7A_SYDT
5
FIFO7A_ FULL
T1
BK6_IO16
6
104N
6A
0
-
-
FIFO6A_EMPTY
T2
BK6_IO17
6
104P
6A
1
-
-
-
T3
BK6_IO18
6
105N
6A
2
FIFO6A_STRDb
6
--
U1
BK6_IO19
6
105P
6A
3
HSI6A_CDRRSTb
HSI6_RECCLK
FIFO6A_FIFORSTb
U2
GND
6
-
-
-
-
-
-
GND
BK6_IO20/
PLL_FB1
6
106N
6A
4
HSI6A_SOUTN
HSI6A_RXD9/TXD9
FIFO6A_DIN9/DOUT9
R5
BK6_IO21/
VREF6
6
106P
6A
5
HSI6A_SOUTP
HSI6A_RXD8/TXD8
FIFO6A_DIN8/DOUT8
T6
BK6_IO22
6
107N
6A
6
HSI6A_SYDT
5
HSI6A_RXD7/TXD7
FIFO6A_DIN7/DOUT7
U4
BK6_IO23
6
107P
6A
7
-
HSI6A_RXD6/TXD6
FIFO6A_DIN6/DOUT6
V4
BK6_IO24
6
108N
6A
8
-
HSI6A_RXD5/TXD5
FIFO6A_DIN5/DOUT5
V3
BK6_IO25
6
108P
6A
9
HSI6_CSLOCK
HSI6A_RXD4/TXD4
FIFO6A_DIN4/DOUT4
V2
BK6_IO26
6
109N
6A
10
HSI6A_SINN
HSI6A_RXD3/TXD3
FIFO6A_DIN3/DOUT3
R6
BK6_IO27
6
109P
6A
11
HSI6A_SINP
HSI6A_RXD2/TXD2
FIFO6A_DIN2/DOUT2
R7
BK6_IO28
6
110N
6A
12
Note 4
HSI6A_RXD1/TXD1
FIFO6A_DIN1/DOUT1
W1
BK6_IO29
6
110P
6A
13
-
HSI6A_RXD0/TXD0
FIFO6A_DIN0/DOUT0
V1
BK6_IO30
6
111N
6A
14
-
HSI6A_SYDT
5
-W2
BK6_IO31
6
111P
6A
15
-
-
FIFO6A_ FULL
W3
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com