Electronic Components Datasheet Search
  English  ▼

X  

STP5NB100FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP5NB100FP
Description  N - CHANNEL 1000V - 2.4ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NB100FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP5NB100FP Datasheet HTML 1Page - STMicroelectronics STP5NB100FP Datasheet HTML 2Page - STMicroelectronics STP5NB100FP Datasheet HTML 3Page - STMicroelectronics STP5NB100FP Datasheet HTML 4Page - STMicroelectronics STP5NB100FP Datasheet HTML 5Page - STMicroelectronics STP5NB100FP Datasheet HTML 6Page - STMicroelectronics STP5NB100FP Datasheet HTML 7Page - STMicroelectronics STP5NB100FP Datasheet HTML 8Page - STMicroelectronics STP5NB100FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP5NB100
STP5NB100FP
N - CHANNEL 1000V - 2.4
Ω - 5A - TO-220/TO-220FP
PowerMESH
™ MOSFET
ν
TYPICAL RDS(on) = 2.4
Ω
ν
EXTREMELY HIGH dv/dt CAPABILITY
ν
100% AVALANCHE TESTED
ν
VERY LOW INTRINSIC CAPACITANCES
ν
GATE CHARGE MINIMIZED
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power
MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
ν
HIGH CURRENT, HIGH SPEED SWITCHING
ν
SWITCH MODE POWER SUPPLIES (SMPS)
ν
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
®
INTERNAL SCHEMATIC DIAGRAM
February 2000
TO-220
TO-220FP
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Uni t
ST P5NB100
STP5NB100FP
VDS
Drain-source Voltage (VGS =0)
1000
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
1000
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC
5
5(*)
A
ID
Drain Current (continuous) at Tc =100
oC
3.1
3.1(*)
A
IDM(
•)
Drain Current (pulsed)
15.2
15. 2
A
Ptot
T otal Dissipat ion at Tc =25
oC
135
40
W
Derat ing Factor
1.08
0.32
W/
oC
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
4.5
V/ ns
VISO
I nsulat ion W ithst and Voltage (DC)
2000
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤ 5 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
(*) Limited only by maximum temperature allowed
T YPE
VDSS
RDS(on)
ID
STP5NB100
STP5NB100F P
1000 V
1000 V
<2.7
Ω
<2.7
Ω
5A
5A
1/9


Similar Part No. - STP5NB100FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP5NB100FP ISC-STP5NB100FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP5NB100FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NB100 STMICROELECTRONICS-STP3NB100 Datasheet
44Kb / 6P
N - CHANNEL 1000V - 5.3 ohm - 3 A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1998
STP3NB80 STMICROELECTRONICS-STP3NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 4.6ohm - 2.6A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP4NB100 STMICROELECTRONICS-STP4NB100 Datasheet
109Kb / 9P
N - CHANNEL 1000V - 4ohm - 3.8A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP4NB80 STMICROELECTRONICS-STP4NB80 Datasheet
354Kb / 9P
N - CHANNEL 800V - 3ohm - 4A - TO-220/TO-220FP PowerMESH MOSFET
Sep-2001
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1998
STP7NB80 STMICROELECTRONICS-STP7NB80 Datasheet
106Kb / 9P
N - CHANNEL 800V - 1.2ohm - 6.5A - TO-220/TO-220FP PowerMESH MOSFET
Apr-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com