Electronic Components Datasheet Search
  English  ▼

X  

EFE02CF Datasheet(PDF) 1 Page - Cynergy3 Co

Part # EFE02CF
Description  50-170Amp Diode, SCR/Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

EFE02CF Datasheet(HTML) 1 Page - Cynergy3 Co

  EFE02CF Datasheet HTML 1Page - Cynergy3 Co EFE02CF Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
# High Thermal Efficiency
series EF
50-170Amp • Diode, SCR/Diode Modules
Electrical Specifications
DE
F
G
(See Part Number Identification for
ID
Maximum DC Output Current @ Tc = 85˚C (A)
Ratings of Single-Phase, Three-Phase
and AC Switch Circuits)
VF
Maximum Voltage Drop @ Amps Peak
1.7V @ 50A
1.85@75A
1.4V@100A 1.55V@125A
TJ
Operating Junction Temperature Range
-40˚C to +125˚C
Critical Rate of Rise of On-State
di/dt
Current @ TJ=125˚C (A/µs)
100
dv/dt Critical Rate of Rise of Off-State Voltage
500
400 (120Vac)
600 (240Vac)
VRMS Repetitive Peak Reverse Voltage
800 (280Vac)
(AC Line Input Voltage)
1000 (380Vac)
1200 (480Vac)
1400 (530Vac)
ITSM
Maximum Non-Repetitive
Surge Current (A) [ 1/2Cycle, 60Hz]
400
600
1500
1960
I2T
Maximum I2T for Fusing (A2sec) [t=8.3ms]
670
1500
9350
15800
IGT
Maximum Required Gate Current
to Trigger @ 25˚C (mA)
60
80
150
150
VGT
Maximum Required Gate
Voltage to Trigger @ 25˚C (V)
2.5
3.0
3.0
3.0
PG(AV) Average Gate Power
0.5W
VGM
Maximum Peak Gate Voltage (Reverse)
5.0V
ROJC
Maximum Thermal Resistance Junction to
Ceramic Base per Chip
0.8˚C/W
0.7˚C/W
0.36˚C/W
0.3˚C/W
VISOL Isolation Voltage
2500 VRMS
Mechanical Specifications
Weight (Typical)
7.0 oz. (198g)
These circuits provide complete power control in a single
package, utilizing high thermal efficiency to assure long life
and reliable performance. Twelve standard models provide
2500 Vrms isolation from all terminals to ceramic base and are
UL recognized E72445.
USA
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email: sales@cynergy3.com
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Cynergy 3 Components, Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
© 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.
Approvals
UL - E72445
ISO
9001 CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
Mechanical Dimensions
All dimensions are in inches (millimeters)
2.50
(63.5)
.83
(21.1)
.25
(6.3)
2.50
(63.5)
3.60
(91.4)
4.00
(101.5)
.83
(21.1)
.20
(5.1)
.20
(5.1)
.16
(4.1)
1.20
(30.5)
.65
(16.5)
1.17
(29.7)
.95
(24.1)
MOUNTING
HOLE/SLOT
0.16 (4.1) DIA.
M5 SCREWS
5 PLACES
.400 (10.2)
.055
(1.4)
.110 x .020 THICK
CUT HERE FOR FASTON
(AMP TYPE 61060-1 RECOMMEND)
Pin Detail


Similar Part No. - EFE02CF

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
EFE02CF CRYDOM-EFE02CF Datasheet
1Mb / 5P
Power Modules
More results

Similar Description - EFE02CF

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
logo
Powerex Power Semicondu...
ED41 POWEREX-ED41 Datasheet
594Kb / 10P
Dual SCR/Diode Isolated modules
logo
Cynergy3 Co
F18 CYNERGY3-F18 Datasheet
233Kb / 2P
25-100Amp,Diode, SCR/Diode Modules
M50 CYNERGY3-M50_1 Datasheet
256Kb / 2P
50-100Amp SCR/Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com