Electronic Components Datasheet Search
  English  ▼

X  

ABL3 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABL3
Description  HC/49US (AT49) MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABL3 Datasheet(HTML) 3 Page - Abracon Corporation

  ABL3_07 Datasheet HTML 1Page - Abracon Corporation ABL3_07 Datasheet HTML 2Page - Abracon Corporation ABL3_07 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
| | | | | | | | | | | | | | |
ABL3 Series
Pb RoHS
Compliant
ISO 9001 / QS 9000
CERTIFIED
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ABRACON IS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.17.07
Visit www.abracon.com for Terms & Conditions of Sale
11.5 x 5.0 x 2.0 mm
A
-10°C to +60°C
T
Tape & Reel
B
-20°C to +70°C
P
Foam
C
-30°C to +70°C
TRAY
Tray
N
-30°C to +85°C
D
-40°C to +85°C
J*
-40°C to+ 105°C
K*
-40°C to +125°C
L*
-55°C to +125°C
I
Insulator Tab
Freq. Tolerance
V
Vinyl Sleeve
H5
± 5 ppm
L2
Middle 3rd lead
1
± 10 ppm
QXX Trimmed leads
7
± 15 ppm
Q15
for 0.15" length
2
± 20 ppm
3
± 25 ppm
4
± 30 ppm
F
Fund. AT>24MHz
FB
Fund BT>24MHz
U**
± 10 ppm
NOTE: Fundamental BT frequency stability
G
± 15 ppm
± 100ppm max.at -10° C to +60° C only
X
± 20 ppm
W
± 25 ppm
Y
± 30 ppm
H
± 35 ppm
Q
± 100 ppm
R
± 150 ppm
ESR
g
n
i
g
a
k
c
a
P
.
p
m
e
T
g
n
it
a
r
e
p
O
y
c
n
e
u
q
e
r
F
Value Added
Freq. Stability
Mode
ABL3- Frequency - - R
- - - - - -
Load Capacitance
Please specify CL in pF or S
for Series (minimun 10pF)
XX.XXXX MHz
RXXX (Value inΩ
)
* Frequency stability ±50ppm, ±100ppm, ±150ppm only.
Contact ABRACON for tighter frequency stability
** -10 to +60C only
HC/49US (AT49) MICROPROCESSOR CRYSTAL
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
Dimensions: mm
OUTLINE DRAWING:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com