Electronic Components Datasheet Search
  English  ▼

X  

ABM3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3
Description  MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3 Datasheet HTML 1Page - Abracon Corporation ABM3 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABM3
5.0 X 3.2 X 1.30mm
APPLICATIONS:
• Cellular telephones, Pagers.
• Communication and Test equipment.
• PCMCIA and wireless applications.
FEATURES:
• Suitable for reflow.
• Tight Stability available.
RoHS
Compliant
MINIATURE CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
Frequency Stability over the
Operating Temperature
(Ref to + 25°C)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging (First Year) @ 25°C ± 3°C
Insulation Resistance
Frequency Range
ABRACON P/N
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance @ 25°C
PARAMETERS
8.0 MHz - 50.0 MHz (50 MHz - 125 MHz
:3rd overtone)
Fundamental or 3rd overtone
ABM3 Series
- 10°C to + 60°C (see options)
- 40°C to + 90°C
± 50 ppm max. (see options)
± 50 ppm max. (see options)
See table 1
7 pF max.
18 pF (see options)
100 W
μ max., 10 W
μ typical
± 5ppm max.
500 M
Ω min at 100Vdc ± 15 V
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.06.08
Visit www.abracon.com for Terms & Conditions of Sale
E
0°C to +70°C
Blank
Bulk
B
-20°C to +70°C
C
-30°C to +70°C
N
-30°C to +85°C
D
-40°C to +85°C
U**
± 10 ppm
G***
± 15 ppm
X
± 20 ppm
W
± 25 ppm
7
± 15 ppm
Y
± 30 ppm
2
± 20 ppm
H
± 35 ppm
3
± 25 ppm
** Standard temp or options E and B only
4
± 30 ppm
*** Standard temp or options E, B, C
and N only.
Please specify CL in pF
or S for Series
RXXX (Value inΩ
).
If it is custom
Packaging
Freq. Stability
ABM3 - Frequency -
- R
- -
-
-
Custom ESR
Load Capacitance (pF)
Operating Temp.
Freq. Tolerance
Tape and
Reel
T
TABLE 1- Standard ESR
80.001 - 125.00
Fundamental
50.001 - 80.000
Operational Mode
Fundamental
Fundamental
Fundamental
9.000 - 9.999
10.000 - 15.999
Frequency (MHz)
8.000 - 8.999
ESR
(Ω) max
16.000 - 50.000
50
500
200
60
80
60
3rd Overtone
3rd Overtone
*G = Pb in glass (exempt per RoHS 2002/95/EC Annex (5))
• Ceramic package hermetically glass sealed assures high precision and reliability.
• AT-cut fundamental and 3rd OT mode IR reflow capable
(Left blank if standard):


Similar Part No. - ABM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3 ABRACON-ABM3 Datasheet
448Kb / 1P
ULTRA MINIATURE CERAMIC SURFACE MOUNT
ABM3 ABRACON-ABM3 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
05-03-21
logo
List of Unclassifed Man...
ABM3-12.000MHZ-B2-T ETC1-ABM3-12.000MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-13.560MHZ-B2-T ETC1-ABM3-13.560MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
ABM3-14.31818MHZ-B2-T ETC1-ABM3-14.31818MHZ-B2-T Datasheet
139Kb / 1P
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
More results

Similar Description - ABM3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9 ABRACON-ABM9 Datasheet
348Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
07.31.07
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM3 ABRACON-ABM3_10 Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
12.28.10
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM9 ABRACON-ABM9_15 Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com