Electronic Components Datasheet Search
  English  ▼

X  

ABM3B Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM3B
Description  CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM3B Datasheet(HTML) 1 Page - Abracon Corporation

  ABM3B Datasheet HTML 1Page - Abracon Corporation ABM3B Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||||||||
ABM3B
5.0 X 3.2 X 1.1mm
APPLICATIONS:
• Cellular telephones, Pagers.
• Communication and Test equipment.
• High Density applications.
• PCMCIA and wireless applications.
FEATURES:
• Fundamental mode.
• Suitable for reflow.
• Tight Stability available.
• Ceramic package and metal lid assures high precision and reliability.
• Seam sealing.
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
Frequency Stability over the
Operating Temperature
(Ref to + 25°C)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging (First Year) @ 25°C ± 3°C
Insulation Resistance
Frequency Range
ABRACON P/N
Operation Mode
Operating Temperature
Storage Temperature
Frequency Tolerance @ +25°C
PARAMETERS
8.0 MHz - 50.0 MHz (Fundamental)
50.1 MHz - 125 MHz (3rd overtone)
Fundamental or 3rd overtone
ABM3B Series
-10°C to +60°C (see options)
-40°C to +85°C
± 50 ppm max. (see options)
± 50 ppm max. (see options)
See table 1
7 pF max.
18 pF (see options)
100 W
μ max., 10 W
μ typical
± 5ppm max.
500 M
Ω min at 100Vdc ± 15 V
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised (O): 03.11.08
Visit www.abracon.com for Terms & Conditions of Sale
Blank
1.1mm max
E
0°C to +70°C
Blank
Bulk
1
0.8mm max
B
-20°C to +70°C
C
-30°C to +70°C
N
-30°C to +85°C
D
-40°C to +85°C
*
-40°C to +105°C
*
-55°C to +125°C
U**
± 10 ppm
* Frequency stability Z only
G***
± 15 ppm
X
± 20 ppm
W
± 25 ppm
1
± 10 ppm
Y
± 30 ppm
7
± 15 ppm
H
± 35 ppm
2
± 20 ppm
Z
± 100 ppm
3
± 25 ppm
** Standard temp or options E and B only
4
± 30 ppm
*** Standard temp or options E, B, C
and N only.
Height (mm)
RXXX (Value in Ω
).
If it is custom
Packaging
Freq. Stability
ABM3B - Frequency -
- R
- -
-
-
Custom ESR
Load Capacitance
Operating Temp.
Freq. Tolerance
*Consult with ABRACON for
CL value under 6pF.)
Tape and
Reel
T
S for Series
Please specify CL
(6 to 32) in pF or
TABLE 1- Standard ESR
80.001 - 125.000
50.001 - 80.000
50
12.000 - 15.999
200
Frequency (MHz)
8.000 - 9.999
ESR(
Ω) max
100
70
16.000 - 50.000
10.000 -11.999
60
60
Fundamental
Fundamental
Fundamental
Fundamental
Operational mode
3rd Overtone
3rd Overtone


Similar Part No. - ABM3B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM3B ABRACON-ABM3B Datasheet
155Kb / 2P
CERAMIC SMD CRYSTAL
ABM3B ABRACON-ABM3B Datasheet
988Kb / 6P
CERAMIC SMD CRYSTAL
8/27/2024
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B-125.000MHZ-R40-B-1 ABRACON-ABM3B-125.000MHZ-R40-B-1 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
08.25.15
ABM3B-125.000MHZ-R40-B-2 ABRACON-ABM3B-125.000MHZ-R40-B-2 Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
08.25.15
More results

Similar Description - ABM3B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
FX1612B FOX-FX1612B Datasheet
70Kb / 1P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com