Electronic Components Datasheet Search
  English  ▼

X  

ABM7 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM7
Description  CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM7 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM7 Datasheet HTML 1Page - Abracon Corporation ABM7 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TABLE 1
|||||||||||||||
ABM7
APPLICATIONS:
• Computers, Modems, Communication equipment
• Thin equipment
FEATURES:
• Low in height (1.3 mm max.)
• Ceramic package assures high reliability
• Small size SMD, suitable for high density applications
• Superior heat-resistant glass sealing
6.0 x 3.3 x 1.2mm
CERAMIC SMD MICRO MINIATURE
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.20.07
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
MICROPROCESSOR CRYSTAL
(*) Frequency above 40MHz based on availability.
Please contact ABRACON
ESR (
Ω
Ω)
60
50
Frequency (MHz)
10.000 - 15.999
16.000 - 50.000
E
0°C ~ +70°C
Blank
Bulk
B
-20°C ~ +70°C
T
Tape & Reel
C
-30°C ~ +70°C
N
-30°C ~ +85°C
D
-40°C ~ +85°C
J(****)
-40°C to +105°C
F
Fund. AT>=33MHz
K(****)
-40°C to +125°C
FB
Fund BT*
L(****)
-55°C to +125°C
U
± 10 ppm
1
± 10 ppm (*)
G
± 15 ppm
7
± 15 ppm (**)
X
± 20 ppm
m
p
p
5
2
±
W
m
p
p
0
2
±
2
C
º
5
8
+
o
t
C
º
0
4
-
r
o
f
m
p
p
0
3
±
Y
m
p
p
5
2
±
3
y
l
n
o
m
p
p
0
0
1
±
)
*
*
*
*
(
4
± 30 ppm
H
± 35 ppm
Q
± 100 ppm (***)
Packaging
Operating Temp.
(*) -10ºC to +60ºC only.
(**) Contact ABRACON availability
Freq. Tolerance
ABM7 - Frequency -
- R
-
-
-
-
-
Frequency
XX.XXXX MHz
ESR
RXXX (Value in Ω
)
Freq. Stability
Please specify CL in pF or
S for Series
Load Capacitance
Mode
RoHS
Compliant
Pb in Glass
(exempt per RoHS 2002/95/EC Annex (5))
Frequency Tolerance at +25°C
Frequency Stability over the
Operating Temp. (Ref to +25°C)
PARAMETERS
10.00 MHz - 50.00 MHz (*)
Fundamental AT
-10°C to + 60°C (see options)
± 50 ppm max. (see options)
Frequency Range
ABRACON P/N
ABM7 Series
Operation Mode
Operating Temperature
Storage Temperature
- 40°C to + 85°C
± 50 ppm max. (see options)
Equivalent Series Resistance
Shunt Capacitance C0
Load Capacitance CL
Drive Level
Aging at 25°C First Year
Insulation Resistance
See Table 1
18pF (see options)
100 μW max., 10μW correlation
500 MW min. with 100Vdc
7pF max.
± 5ppm max.


Similar Part No. - ABM7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM7 ABRACON-ABM7 Datasheet
80Kb / 1P
MINI LOW PROFILE CERAMIC SURFACE MOUNT MICROPROCESSOR CRYSTALS
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
ABM75C ABRACON-ABM75C Datasheet
169Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM75CA ABRACON-ABM75CA Datasheet
160Kb / 2P
AT-CUT LOW COST CERAMIC SMD CRYSTAL
08.02.07
ABM7 ABRACON-ABM7_15 Datasheet
1Mb / 3P
MICROPROCESSOR CRYSTAL
08.06.15
More results

Similar Description - ABM7

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM9 ABRACON-ABM9 Datasheet
348Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
07.31.07
ABM2 ABRACON-ABM2_07 Datasheet
194Kb / 2P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.08.07
ABM3 ABRACON-ABM3_08 Datasheet
837Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
03.06.08
ABM2 ABRACON-ABM2_11 Datasheet
1Mb / 3P
CERAMIC SMD MICROPROCESSOR CRYSTAL
11.29.11
ABM7-12.000MHZ-D-2-Y-T ABRACON-ABM7-12.000MHZ-D-2-Y-T Datasheet
1Mb / 2P
CERAMIC SMD MICRO MINIATURE MICROPROCESSOR CRYSTAL
12.13.10
ABM3 ABRACON-ABM3_10 Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
12.28.10
ABM2 ABRACON-ABM2_15 Datasheet
1Mb / 4P
CERAMIC SMD MICROPROCESSOR CRYSTAL
08.13.14
ABM3 ABRACON-ABM3_15 Datasheet
1Mb / 3P
MINIATURE CERAMIC SMD CRYSTAL
09.23.13
ABM9 ABRACON-ABM9_15 Datasheet
998Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL
04.07.11
ABM9-16000MHZ-10-D-1-U-T ABRACON-ABM9-16000MHZ-10-D-1-U-T Datasheet
1Mb / 2P
MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com