Electronic Components Datasheet Search
  English  ▼

X  

MS6330 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6330
Description  16-Bit Stereo Audio DAC & Headphone Driver Power Down Function, Component Less
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6330 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6330 Datasheet HTML 3Page - MOSA ELECTRONICS MS6330 Datasheet HTML 4Page - MOSA ELECTRONICS MS6330 Datasheet HTML 5Page - MOSA ELECTRONICS MS6330 Datasheet HTML 6Page - MOSA ELECTRONICS MS6330 Datasheet HTML 7Page - MOSA ELECTRONICS MS6330 Datasheet HTML 8Page - MOSA ELECTRONICS MS6330 Datasheet HTML 9Page - MOSA ELECTRONICS MS6330 Datasheet HTML 10Page - MOSA ELECTRONICS MS6330 Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MOSA
MS6330
16-Bit Stereo Audio DAC & HP Driver with PD
REV 1.0
10
www.mosanalog.com
DEMO BOARD
Function description
Label 1: Supply Input
The AVDD and DVDD should be the same supply voltage, the supply range is 2.5~5.5 VDC.
Label 2: Reset MCU Switch
As pressed the button once , the system will be loaded default value. The MS6330 is power-down mode.
Label 3: Power-down Switch
(shutdown MS6330)
As pressed the button once, the chip status will be switched to power-down mode or active mode (disable power-
down mode). The default status is power down mode initially.
Label 4: Power-down LED
(shutdown MS6330)
The MS6330 is power-down mode as the LED is brightness. On the other hand, darkness is active-mode.
Label 5: Digital Audio Input
Connected to digital audio signals and used right-justified format.
Label 6: Headphone Jack
Used 3.5mm diameter of headphone with 32ohm.
2
6
5
4
7
3
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com