Electronic Components Datasheet Search
  English  ▼

X  

MS6895GU Datasheet(PDF) 6 Page - MOSA ELECTRONICS

Part # MS6895GU
Description  Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6895GU Datasheet(HTML) 6 Page - MOSA ELECTRONICS

  MS6895GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6895GU Datasheet HTML 7Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MOSA
MS6895
Mono 1.1W Fully Differential Power Amplifier
REV 1.0
6
www.mosanalog.com
APPLICATION INFORMATION
Basic application example
2
R
L
8Ω
4
3
-IN
BP
SD
+
+IN
Bias
V
DD
GND
1
6
5
8
+
-
-
+
Common
mode
7
1uF
1uF
20k
R
F1
V
DD
20k
R
F2
-
0.39uF
20k
R
I1
MCU
0.39uF
20k
+ Differential Input
R
I2
Vo2
Vo1
- Differential Input
Fig.1
A audio amplifier application circuit.
External gain-setting
As shown in Fig.1, RI1 =RI2 and RF1 =RF2, the respective closed-loop gain is set at -RF/RI. It is important to match input
resistors and feedback resistors to each other. The outputs are used to drive the mono bridged-tied load (BTL).
High Pass Filter
The input capacitor CIN and resister RIN are decided the cut-off frequency of the HPF. The equation is as follows:
fcut-off = 1 / (2π*RIN *CIN)
Thermal pad considerations
The thermal pad must be connected to ground. The package with thermal pad of the MS6895 requires special attention
on thermal design. The thermal pad on the bottom of the MS6895 should be soldered down to a copper pad on the
circuit board. Heat can be conducted away from the thermal pad through the copper plane to ambient. If the copper
plane is not on the top surface of the circuit board, 9 vias of 13 mil or smaller in diameter should be used to thermally
couple the thermal pad to the bottom plane. For good thermal conduction, the vias must be plated through and solder
filled.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com