Electronic Components Datasheet Search
  English  ▼

X  

ASSV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASSV
Description  3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSV Datasheet(HTML) 1 Page - Abracon Corporation

  ASSV_08 Datasheet HTML 1Page - Abracon Corporation ASSV_08 Datasheet HTML 2Page - Abracon Corporation ASSV_08 Datasheet HTML 3Page - Abracon Corporation ASSV_08 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Frequency Range
ABRACON P/N
Spread Type
EMI Reduction (reduction is applied to
the entire frequency spectrum)
Operating Temperature
Storage Temperature
Frequency Stability
Supply Voltage (Vdd)
Start-up Time
Stabilization Time
Rise time / Fall time
Load
Current Consumption
Duty Cycle
Output Logic
Cycle to cycle Jitter
Output Impedance
Static Discharge Voltage
Aging
Output Voltage “High”; “1”
Output Voltage “Low”; “0”
Modulation Carrier Freq. (Dither rate)
Pin 1 Function
| | | | | | | | | | | | | | |
ASSV SERIES
• Printers, Digital Copy Machines, Scanners, Projectors,
Modems, LAN, WAN, Navigation Equipment, Automotive,
Audio, Medical Electronics, Hand-held readers,
Industrial Automation
• Integrated spread spectrum technology
• EMI reduction up to 20dB
• Solve EMI failures as a drop in replacement for std. 5x7mm Osc.
• Cost effective EMI reduction
Ω
5.000 MHz to 160.000 MHz
ASSV
±0.5 (see table 1 for options)
-15dBc min. 100MHz at C1.5
-7dBc min. 100MHz at C0.25; -9dBc min. 100MHz at C0.5
With respect to the dB level when no modulation.
0°C to + 70°C (see options)
- 65°C to + 150°C
± 100 ppm (see options)
3.3 Vdc ± 5%
2ms typ, 5ms max.
2ms max.
4n sec. max. (10% VDD <-> 90% VDD)
15pF
20mA max.
50% ± 5% (CL = 15pF at 50% VDD)
CMOS Square wave
±250ps typ; ±300ps max.
40
>2,000V (per MIL-STD-883, method 3015)
±5ppm per year max.; Ta=+25°C
2.0V min.; 3.2V typ (at 90% VDD)
0.8V max. ; 0.2V typ (at 10% VDD)
6.9KHz min.; 55.5KHz max; Freq dependent call for details.
Output is high impedance when taken low.
Output enable/disable time: 100 ns max.
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
PARAMETERS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 09.24.08
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASSV_08

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASSV1 ABRACON-ASSV1 Datasheet
166Kb / 3P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
07.06.07
ASSV1 ABRACON-ASSV1 Datasheet
168Kb / 3P
TTL/CMOS SMD LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATORS
1.04.08
ASSVJ ABRACON-ASSVJ Datasheet
2Mb / 4P
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
3.8.07
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
More results

Similar Description - ASSV_08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM532 ETC1-SM532 Datasheet
132Kb / 14P
Low EMI Spectrum Spread Clock
logo
Cypress Semiconductor
FS781 CYPRESS-FS781 Datasheet
196Kb / 12P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ASSFL ABRACON-ASSFL Datasheet
323Kb / 2P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
ASSM ABRACON-ASSM Datasheet
95Kb / 2P
LOW EMI SPREAD SPECTRUM CRYSTAL CLOCK OSCILLATOR
ASSV ABRACON-ASSV Datasheet
411Kb / 4P
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
07.11.07
ASSVJ ABRACON-ASSVJ Datasheet
2Mb / 4P
3.3V REDUCED JITTER SMD SPREAD SPECTRUM CLOCK OSCILLATOR
3.8.07
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
logo
Abracon Corporation
ASSVP ABRACON-ASSVP Datasheet
879Kb / 3P
2.5V / 3.3Vdc PROGRAMMABLE SPREAD SPECTRUM LOW EMI CLOCK OSCILLATOR
09.17.08
logo
Cypress Semiconductor
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com