Electronic Components Datasheet Search
  English  ▼

X  

ASVK Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVK
Description  32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVK Datasheet(HTML) 1 Page - Abracon Corporation

  ASVK Datasheet HTML 1Page - Abracon Corporation ASVK Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency Range
ABRACON P/N
ASVK Series
Operating Temperature
Storage Temperature
Frequency Tolerance at 25°C
Supply voltage (Vdd)
Input Current
Start-up time
Output type
Aging:
|||||||||||||||
ASVK
• Real time clocks
• System References
32.768kHz
0°C to + 70°C (See options)
-55°C to +125°C
± 100ppm max. (See options)
3.3 Vdc ± 10% (see options)
7mA max
Output voltage
VOH = 0.9*Vdd min.; VOL = 0.1*Vdd max.
Tri-state function
Logic "1" (2.0V min) or open = OSC
Logic"0" (0.8V max) = Hi Z output disabled
Symmetry(Duty Cycle)
40/60% (see options)
Rise and fall time (Tr/Tf)
250nS max.
Output load
15pF or 10TTL
8 mS max.
HCMOS
± 5ppm/year max. @ 25°C
Pb RoHS
Compliant
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
PARAMETERS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
7.0 x 5.0 x 1.6 mm
• Industrial operating temperature range available
• CMOS output
• Small surface mount package
• Compact and low in height
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.09.07
Visit www.abracon.com for Terms & Conditions of Sale
Y
2.8V±5%
J
± 20 ppm
Z
3.0V±10%
R
± 25 ppm
K
± 30 ppm
H
± 35 ppm
B
± 40 ppm
E
-20°C to +70°C
C
± 50 ppm
A
Tri-state
F
-30°C to +70°C
N
-30°C to +85°C
L
-40°C to +85°C
*Contact ABRACON for extended.
temperature range.
Freq. Stability
Symmetry
Tape and
Reel
T
S
45/55%
Duty Cycle
< 10MHz
ASVK - 32.768kHz -
-
-
-
-
-
Operating Temp.
Contact ABRACON for CL
values outside standard range.
Packaging
Tri-State Function
Supply Voltage


Similar Part No. - ASVK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVK ABRACON-ASVK Datasheet
186Kb / 2P
CERAMIC SMD CRYSTAL OSCILLATOR
4.05.07
More results

Similar Description - ASVK

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLK ABRACON-ASFLK Datasheet
243Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
06.28.07
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
ASHK ABRACON-ASHK Datasheet
175Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Seiko Instruments Inc
SH-32S SII-SH-32S Datasheet
259Kb / 2P
High accuracy Crystal Oscillator 32.768kHz
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com