Electronic Components Datasheet Search
  English  ▼

X  

TC3541 Datasheet(PDF) 1 Page - Transcom, Inc.

Part # TC3541
Description  5.2 - 5.9 GHz 2W Single Bias MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3541 Datasheet(HTML) 1 Page - Transcom, Inc.

  TC3541 Datasheet HTML 1Page - Transcom, Inc. TC3541 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TC3541
REV0_20060921
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
1/2
5.2 – 5.9 GHz 2W Single Bias MMIC
FEATURES
PHOTO ENLARGEMENT
!
P-1 dB: 33 dBm
!
Small Signal Gain: 20 dB
!
Power Added Efficiency: 25 %
!
IP3: 42 dBm
!
Input/Output 50 Ω Match
!
Bias condition: 1000 mA @ 9 V
DESCRIPTION
The TC3541 is a 2-stage PHEMT Single Bias MMIC power amplifier. It is designed for use in low cost and high
volume 5.2~5.9 GHz band applications. The MMIC is matched to 50
Ω operation. It provides a typical gain of 20
dB and P1dB power of 33 dBm. Typical bias condition is 9V at 1000 mA. The MMIC is packaged in a copper
based ceramic 10 pins power package. The copper based carrier of the package allows direct soldering of the
device to the PCB.
APPLICATIONS
!
Wi-Fi
!
Wi Max
!
Radio Link
ELECTRICAL SPECIFICATIONS (TA=25
°°°°C)
Symbol
Conditions
MIN
TYP
MAX
UNIT
FREQ
Frequency Range
5.2
5.9
GHz
SSG
Small Signal Gain
19
20
dB
GOF
Small Signal Gain Flatness
±0.5
P-1 dB
Output Power at 1 dB Gain Compression
31.5
33
dBm
IP3
Third Order Intercept Point
40
42
dBm
VDD
Supply Voltage
9
Volt
IDD
Current Supply Without RF
1000
mA
ηa
Power Added Efficiency
25
%


Similar Part No. - TC3541

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
TC354 SHUNYE-TC354 Datasheet
193Kb / 2P
5/16 TIN-CAN DIODES
More results

Similar Description - TC3541

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0040 MACOM-AM42-0040 Datasheet
40Kb / 4P
GaAs MMIC VSAT Power Amplifier, 2W 5.9 - 6.4 GHz
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
2.4 GHz 2W MMIC
logo
Transcom, Inc.
TA053-059-35-33 TRANSCOM-TA053-059-35-33 Datasheet
33Kb / 1P
5.3 - 5.9 GHz 2W Amplifier
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
2.4 GHz 2W MMIC
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Excelics Semiconductor,...
EIM5259-4 EXCELICS-EIM5259-4 Datasheet
141Kb / 3P
5.2-5.9 GHz Multi-Stage Power Amplifier
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
5.9 - 7.9 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC3741 TRANSCOM-TC3741 Datasheet
158Kb / 2P
9.5 – 10.5 GHz 2W Single Bias MMIC
logo
Mimix Broadband
XP1035-BD MIMIX-XP1035-BD_08 Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
5.9-9.5 GHz GaAs MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com