Electronic Components Datasheet Search
  English  ▼

X  

STP6LNC60FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6LNC60FP
Description  N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh™ II MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6LNC60FP Datasheet(HTML) 1 Page - STMicroelectronics

  STP6LNC60FP Datasheet HTML 1Page - STMicroelectronics STP6LNC60FP Datasheet HTML 2Page - STMicroelectronics STP6LNC60FP Datasheet HTML 3Page - STMicroelectronics STP6LNC60FP Datasheet HTML 4Page - STMicroelectronics STP6LNC60FP Datasheet HTML 5Page - STMicroelectronics STP6LNC60FP Datasheet HTML 6Page - STMicroelectronics STP6LNC60FP Datasheet HTML 7Page - STMicroelectronics STP6LNC60FP Datasheet HTML 8Page - STMicroelectronics STP6LNC60FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
October 2001
STP6LNC60
STP6LNC60FP
N-CHANNEL 600V - 1
Ω - 5.8A TO-220/TO-220FP
PowerMesh™II MOSFET
(1)ISD ≤5.8A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
INTERNAL SCHEMATIC DIAGRAM
s
TYPICAL RDS(on) = 1.0 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The PowerMESH
™II is the evolution of the first
generation of MESH OVERLAY
™. The layout re-
finements introduced greatly improve the Ron*area
figure of merit while keeping the device at the lead-
ing edge for what concerns switching speed, gate
charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVES
ABSOLUTE MAXIMUM RATINGS
(•)Pulse width limited by safe operating area
(*) Limited only by maximum temperature allowed
TYPE
VDSS
RDS(on)
ID
STP6LNC60
STP6LNC60FP
600 V
600 V
< 1.25
Ω
< 1.25
Ω
5.8 A
5.8 A
Symbol
Parameter
Value
Unit
STP6LNC60
STP6LNC60FP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
600
V
VGS
Gate- source Voltage
±30
V
ID
Drain Current (continuos) at TC = 25°C
5.8
5.8 (*)
A
ID
Drain Current (continuos) at TC = 100°C
3.65
3.65 (*)
A
IDM (q)
Drain Current (pulsed)
23.2
23.2 (*)
A
PTOT
Total Dissipation at TC = 25°C
100
35
W
Derating Factor
0.8
0.28
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
VISO
Insulation Withstand Voltage (DC)
-
2500
V
Tstg
Storage Temperature
–65 to 150
°C
Tj
Max. Operating Junction Temperature
TO-220
TO-220FP
1
2
3


Similar Part No. - STP6LNC60FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6LNC60FP ISC-STP6LNC60FP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP6LNC60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB6LNC60 STMICROELECTRONICS-STB6LNC60 Datasheet
422Kb / 9P
N-CHANNEL 600V - 1Ω - 5.8A D2PAK PowerMesh™ II MOSFET
Oct-2001
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh™ I MOSFET
May-2001
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh™ I MOSFET
Apr-2001
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Apr-2003
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP6NB90 STMICROELECTRONICS-STP6NB90 Datasheet
109Kb / 9P
N - CHANNEL 900V - 1.7ohm - 5.8A - TO-220/TO-220FP PowerMESH MOSFET
Jun-1999
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh™II MOSFET
Jul-2001
STP7NB60 STMICROELECTRONICS-STP7NB60_07 Datasheet
271Kb / 11P
N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
14-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com