Electronic Components Datasheet Search
  English  ▼

X  

AMS1086CM Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1086CM
Description  1.5A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1086CM Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1086CM Datasheet HTML 1Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 2Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 3Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 4Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 5Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 6Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 7Page - Advanced Monolithic Systems AMS1086CM Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS1086
Monolithic
1.5A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed Voltages
• High Efficiency Linear Regulators
1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 1.5A
• Microprocessor Supply
• Operates Down to 1V Dropout
• Battery Chargers
• Line Regulation: 0.015%
• Constant Current Regulators
• Load Regulation: 0.1%
• Notebook/Personal Computer Supplies
• TO-220, TO-263 and TO-252 packages available
• Portable Instrumentation
GENERAL DESCRIPTION
The AMS1086 series of adjustable and fixed voltage regulators are designed to provide 1.5A output current and to operate
down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output
current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1086 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package, 3
lead TO-263 (Plastic DD) and TO-252 (D PAK) package.
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 LEAD TO-220
3 LEAD TO-263
TO-252
TEMPERATURE RANGE
AMS1086CT
AMS1086CM
AMS1086CD
0 to 125
° C
AMS1086CT-1.5
AMS1086CM-1.5
AMS1086CD-1.5
0 to 125
° C
AMS1086CT-1.8
AMS1086CM-1.8
AMS1086CD-1.8
0 to 125
° C
AMS1086CT-2.5
AMS1086CM-2.5
AMS1086CD-2.5
0 to 125
° C
AMS1086CT-2.85
AMS1086CM-2.85
AMS1086CD-2.85
0 to 125
° C
AMS1086CT-3.0
AMS1086CM-3.0
AMS1086CD-3.0
0 to 125
° C
AMS1086CT-3.3
AMS1086CM-3.3
AMS1086CD-3.3
0 to 125
° C
AMS1086CT-3.5
AMS1086CM-3.5
AMS1086CD-3.5
0 to 125
° C
AMS1086CT-5.0
AMS1086CM-5.0
AMS1086CD-5.0
0 to 125
° C
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
TAB IS
OUTPUT
TO-252 FRONT VIEW
1
2
3
1
2
3
TAB IS
OUTPUT
TO-220 FRONT VIEW
1
2
3
TAB IS
OUTPUT
TO-263 FRONT VIEW


Similar Part No. - AMS1086CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086CM ADMOS-AMS1086CM Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
AMS1086CM-15 ADMOS-AMS1086CM-15 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
AMS1086CM-25 ADMOS-AMS1086CM-25 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
AMS1086CM-285 ADMOS-AMS1086CM-285 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
AMS1086CM-30 ADMOS-AMS1086CM-30 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1086CM

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
1.5A Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
1.5A Low Dropout Voltage Regulator
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com