Electronic Components Datasheet Search
  English  ▼

X  

DB102S Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # DB102S
Description  SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

DB102S Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  DB102S Datasheet HTML 1Page - UNIOHM CORPORATION DB102S Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=40 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.0
50
10
500
-65
+150
-65
+125
V
A
A
V
C
C
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.0 grams
DB101S THRU DB107S
1.1
.255(6.5)
.310(7.9)
.135(3.4)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.365(9.3)
.042(1.1)
.245(6.2)
.290(7.4)
.115(2.9)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.355(9.0)
.038(1.0)
+
~
~
DB-1S
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.0 Ampere
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
A
A


Similar Part No. - DB102S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB102S RECTRON-DB102S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB102S BYTES-DB102S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB102S DCCOM-DB102S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB102S FORMOSA-DB102S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB102S ETC-DB102S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results

Similar Description - DB102S

ManufacturerPart #DatasheetDescription
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
DB101S BYTES-DB101S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Formosa MS
DB101 FORMOSA-DB101 Datasheet
34Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
DB101S GWSEMI-DB101S Datasheet
67Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
DB101GS DGNJDZ-DB101GS Datasheet
278Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
DB101GS-107GS DGNJDZ-DB101GS-107GS Datasheet
134Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB101 YIXIN-DB101 Datasheet
236Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
DB101GS BYTESONIC-DB101GS Datasheet
210Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
Version 1.4 2017/4/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com