Electronic Components Datasheet Search
  English  ▼

X  

KBJ401 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # KBJ401
Description  SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

KBJ401 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  KBJ401 Datasheet HTML 1Page - UNIOHM CORPORATION KBJ401 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 2.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
KBJ401 KBJ402 KBJ403 KBJ404 KBJ405 KBJ406 KBJ407
UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
150
5.0
6.0
5.5
500
-55
+150
-55
+150
V
A
A
V
mA
mA
KBJ401 THRU KBJ407
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
4.0 Amperes
Dimensions in inches and (millimeters)
KBJ
* Ideal for printed circuit board
* Low forward voltage
* Mounting position: Any
* Low leakage current
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
C/W
C/W
Typical Thermal Resistance RqJL (Note 3)
Typical Thermal Resistance RqJC (Note 2)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.173(4.4)
.150(3.8)
.203(5.2)
.189(4.8)
.134(3.4)
.122(3.1)
.043(1.1)
.035(0.9)
.083(2.1)
.067(1.7)
.995(25.3)
.983(24.7)
.153(3.9)
.134(3.4)
.031(0.8)
.023(0.6)
SPACING
~
~
Maximum Average Forward (with heatsink Note 1)
Rectified Current at Tc=110 C (Without heatsink)
2.4
4.0
NOTES
1. Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
2. Thermal Resistance from Junction to Case with device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
3. Thermal Resistance from Junction to Lead without Heatsink.


Similar Part No. - KBJ401

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBJ401 CHENYI-KBJ401 Datasheet
247Kb / 2P
4Amp glass passivated bridge rectifiers 50to1000 volts
logo
Shenzhen Ping Sheng Ele...
KBJ401 PFS-KBJ401 Datasheet
327Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
4 Amp GLASS PASS IVATED BRIDGE R ECTIFIE RS 50 to 1000 Volts
logo
First Components Intern...
KBJ401 FCI-KBJ401 Datasheet
104Kb / 2P
4.0 Amp Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
GLASS PASSIVATED SINGLE
More results

Similar Description - KBJ401

ManufacturerPart #DatasheetDescription
logo
Bytes
RS401L BYTES-RS401L Datasheet
146Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401M BYTES-RS401M Datasheet
148Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS401L FORMOSA-RS401L Datasheet
30Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS401L UNIOHM-RS401L Datasheet
61Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ401 YFWDIODE-GBJ401 Datasheet
252Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL401 DGNJDZ-GBL401 Datasheet
620Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
KBL410 DGNJDZ-KBL410 Datasheet
229Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
RS401 DGNJDZ-RS401 Datasheet
177Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
T4BU10 DGNJDZ-T4BU10 Datasheet
293Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBL4005 BYTESONIC-GBL4005 Datasheet
339Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
Version 1.3 2016/2/8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com