Electronic Components Datasheet Search
  English  ▼

X  

RB152 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # RB152
Description  SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RB152 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  RB152 Datasheet HTML 1Page - UNIOHM CORPORATION RB152 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=25 C
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 1.0A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
RB151 RB152 RB153 RB154 RB155 RB156 RB157 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
1.5
50
10
500
-65
+150
-65
+125
V
A
A
V
* Ideal for printed circuit board
* Low forward voltage
* Polarity: marked on body
* Mounting position: Any
* Weight: 1.04 grams
RB151 THRU RB157
1.0
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
1.5 Amperes
RB-15
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
1.0
(25.4)
MIN.
1.2
(30.5)
MIN.
.358
(9.1)
MAX.
.150(3.8)
.130(3.3)
.032(0.8)
.028(0.7)
POS.
LEAD
* Low leakage current
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
C
C
A
A


Similar Part No. - RB152

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB152 WTE-RB152 Datasheet
45Kb / 3P
1.5A BRIDGE RECTIFIER
logo
Rectron Semiconductor
RB152 RECTRON-RB152 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Semtech Corporation
RB152 SEMTECH-RB152 Datasheet
127Kb / 2P
1.5A SINGLE - PHASE SILICON BRIDGE????
logo
Bytes
RB152 BYTES-RB152 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Shanghai Lunsure Electr...
RB152 CHENYI-RB152 Datasheet
136Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RB152

ManufacturerPart #DatasheetDescription
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
W005M BYTES-W005M Datasheet
145Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DB151 FORMOSA-DB151 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
RB151 FORMOSA-RB151 Datasheet
29Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB151 FORMOSA-DB151 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
W005M UNIOHM-W005M Datasheet
59Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
W005M GWSEMI-W005M Datasheet
61Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RB151 DGNJDZ-RB151 Datasheet
82Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
RB151 DGNJDZ-RB151_V01 Datasheet
122Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com