Electronic Components Datasheet Search
  English  ▼

X  

RL252 Datasheet(PDF) 1 Page - UNIOHM CORPORATION

Part # RL252
Description  2.5 AMP SILICON RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIOHM [UNIOHM CORPORATION]
Direct Link  http://www.uniohm.com.tw
Logo UNIOHM - UNIOHM CORPORATION

RL252 Datasheet(HTML) 1 Page - UNIOHM CORPORATION

  RL252 Datasheet HTML 1Page - UNIOHM CORPORATION RL252 Datasheet HTML 2Page - UNIOHM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5 AMP SILICON RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
RL251 RL252 RL253 RL254 RL255
RL256 RL257 UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.5
150
5.0
50
35
-65
+175
V
A
A
V
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375" (9.5mm) lead length.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.54 grams
RL251 THRU RL257
1.0
Typical Thermal Resistance RqJA (Note 2)
35
*
Dimensions in inches and (millimeters)
R-3
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.160(4.1)
.138(3.5)
.042(1.1)
.040(1.0)
DIA.
.160(4.1)
.138(3.5)
DIA.
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.5 Amperes
Operating and Storage Temperature Range TJ, TSTG
C
C/W
A
A


Similar Part No. - RL252

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL252 RECTRON-RL252 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
GOOD-ARK Electronics
RL252 GOOD-ARK-RL252 Datasheet
199Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Leshan Radio Company
RL252 LRC-RL252 Datasheet
50Kb / 2P
2.5A GENERAL DIODES
logo
Micro Commercial Compon...
RL252 MCC-RL252 Datasheet
78Kb / 3P
2.5 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Components Intern...
RL252 FCI-RL252 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results

Similar Description - RL252

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251 FCI-RL251_1 Datasheet
136Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS DIFFUSED JUNCTION
logo
Goodwork Semiconductor ...
RL251 GWSEMI-RL251 Datasheet
64Kb / 2P
2.5 AMP SILICON RECTIFIERS
logo
Nanjing International G...
FR251 DGNJDZ-FR251 Datasheet
268Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
RL251 DGNJDZ-RL251 Datasheet
849Kb / 2P
2.5 AMP SILICON RECTIFIERS
FR251-2C2.5A-2CDO-15 DGNJDZ-FR251-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR252-2C2.5A-2CDO-15 DGNJDZ-FR252-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR256-2C2.5A-2CDO-15 DGNJDZ-FR256-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
FR2572.5A-2CDO-15 DGNJDZ-FR2572.5A-2CDO-15 Datasheet
300Kb / 2P
2.5 AMP FAST RECOVERY RECTIFIERS
logo
First Components Intern...
RL251S FCI-RL251S Datasheet
146Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com