Electronic Components Datasheet Search
  English  ▼

X  

CSX-325M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSX-325M
Description  HIGH STABILITY CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSX-325M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX-325M Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
24
■FEATURES
7Wide range high frequency stability.
7High-density SMD type.
7Ultra-light weight and ultraminiature size.
7Low current consumption.
7Suitable for high stabillity applications such as
communication devices and wireless LAN.
■DIMENSION [mm]
■SOLDER PAD LAYOUT [mm]
3.2±0.2
#4
#1
#3
#2
#4
#1
#3
#2
1.2
0.9
#1 pin marking
Pin No.
#1
#2
#3
#4
Connection
OPEN or Vdd
GND
OUT
Vdd
Pin Assignment
2.4
1.4
CSX-325M SERIES
CMOS level(1/2 Vdd)
VOH
VOL
0.2Vdd⇔0.8Vdd
(@)
(*)
(No load)
CSX-325M(@)
(*)
Life-size
■STANDARD SPECIFICATIONS
Item
Model
*Model is determined by the supply voltage and the frequency stability.
HIGH STABILITY CLOCK OSCILLATORS (SMD • Ceramic Package)
2000pcs/reel
Frequency Range
Supply Voltag
Frequency Stability
Operating Temperature Range
Storage Temperature Range
Current consumption
Duty
Output Voltage
Output Load
Rise and Fall Time
Start-up time
Aging (first year)
12.500MHz∼54.000MHz
M : Vdd=1.8V±0.1V
H : Vdd=2.5V±0.1V
J : Vdd=3.3V±0.1V
G : ±10ppm, J : ±20ppm, D : ±30ppm, M : ±20ppm(−40℃∼+85℃),N : ±30ppm(−40℃∼+85℃)
−
20℃∼+70℃(−40℃∼+85℃)
−
55℃∼+125℃
5mA Max.(<30.0MHz)/ 7mA Max.(<54.0MHz)
40∼60%
0.8Vdd Min.
0.2Vdd Max.
CMOS 15pF Max.
10 nsec Max.
10 msec Max.
±2ppm / year Max.


Similar Part No. - CSX-325M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSX-325F ETC2-CSX-325F Datasheet
82Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
CITIZEN ELECTRONICS CO....
CSX-325F CITIZEN-CSX-325F Datasheet
83Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
List of Unclassifed Man...
CSX-325P ETC2-CSX-325P Datasheet
77Kb / 1P
PROGRAMMABLE OSCILLATORS
logo
CITIZEN ELECTRONICS CO....
CSX-325P CITIZEN-CSX-325P Datasheet
78Kb / 1P
PROGRAMMABLE OSCILLATORS
CSX-325PB CITIZEN-CSX-325PB Datasheet
78Kb / 1P
PROGRAMMABLE OSCILLATORS
More results

Similar Description - CSX-325M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFPO-20 ETC2-CFPO-20 Datasheet
62Kb / 3P
high stability crystal oscillators
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1_18 Datasheet
62Kb / 1P
High Stability Clock Oscillators
KC2520C-C2 KSS-KC2520C-C2_18 Datasheet
62Kb / 1P
High Stability Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com