Electronic Components Datasheet Search
  English  ▼

X  

DAC6311 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC6311
Description  1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC6311 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC6311 Datasheet HTML 17Page - Texas Instruments DAC6311 Datasheet HTML 18Page - Texas Instruments DAC6311 Datasheet HTML 19Page - Texas Instruments DAC6311 Datasheet HTML 20Page - Texas Instruments DAC6311 Datasheet HTML 21Page - Texas Instruments DAC6311 Datasheet HTML 22Page - Texas Instruments DAC6311 Datasheet HTML 23Page - Texas Instruments DAC6311 Datasheet HTML 24Page - Texas Instruments DAC6311 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
TYPICAL CHARACTERISTICS: AVDD = +1.8V
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=1.8V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
=1.8V
DD
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=1.8V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
=1.8V
DD
0.50
0.25
0
-0.25
-0.50
0
512
1024
1536
2048
DigitalInputCode
2560
3072
3584
4096
0.2
0.1
0
-0.1
-0.2
AV
=1.8V
DD
0.10
0.05
0
-0.05
-0.10
0
128
256
384
512
DigitalInputCode
640
768
896
1024
0.06
0.03
0
-0.03
-0.06
AV
=1.8V
DD
DAC5311
DAC6311
DAC7311
www.ti.com ................................................................................................................................................................................................ SBAS442 – AUGUST 2008
At TA = 25°C, AVDD = +1.8V, and DAC loaded with midscale code, unless otherwise noted.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (–40°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (–40°C)
Figure 77.
Figure 78.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (+25°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (+25°C)
Figure 79.
Figure 80.
DAC7311 12-BIT LINEARITY ERROR AND
DAC6311 10-BIT LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE (+125°C)
DIFFERENTIAL LINEARITY ERROR vs CODE (+125°C)
Figure 81.
Figure 82.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC5311 DAC6311 DAC7311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com