Electronic Components Datasheet Search
  English  ▼

X  

THS7375IPW Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS7375IPW
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 5.6-V/V Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7375IPW Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS7375IPW Datasheet HTML 20Page - Texas Instruments THS7375IPW Datasheet HTML 21Page - Texas Instruments THS7375IPW Datasheet HTML 22Page - Texas Instruments THS7375IPW Datasheet HTML 23Page - Texas Instruments THS7375IPW Datasheet HTML 24Page - Texas Instruments THS7375IPW Datasheet HTML 25Page - Texas Instruments THS7375IPW Datasheet HTML 26Page - Texas Instruments THS7375IPW Datasheet HTML 27Page - Texas Instruments THS7375IPW Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LOW-PASS FILTER
Benefits Over Passive Filtering
THS7375
SBOS449 – SEPTEMBER 2008......................................................................................................................................................................................... www.ti.com
Keep in mind that images do not stop at the DAC
sampling frequency, fS (for example, 27 MHz for
Each
channel
of
the
THS7375
incorporates
a
traditional SD DACs); they continue around the
sixth-order low-pass filter. These video reconstruction
sampling frequencies of 2X fS, 3X fS, 4X fS, etc. (54
filters minimize the passing of DAC images to the
MHz, 81 MHz, 108 MHz). Because of these multiple
video receiver. Depending on the receiver design,
images that an ADC can fold down into the baseband
failure to eliminate these DAC images can cause
signal, the low-pass filter must also eliminate these
picture quality problems as a result of ADC aliasing.
higher
order
images.
The
THS7375
filters
are
Another benefit of the filter is to smooth out
Butterworth filters and as such, do not bounce at
aberrations in the signal that some DACs can have if
higher frequencies and maintain good attenuation
the internal device filtering is not very good. This
performance.
technique helps with picture quality and helps ensure
that the signal meets video bandwidth requirements.
The 9.5-MHz filter frequency was chosen to account
for process variations in the THS7375. To ensure that
Each
filter
has
an
associated
Butterworth
the required video frequencies are effectively passed,
characteristic.
The
benefit
of
the
Butterworth
the filter corner frequency must be high enough to
response is that the frequency response is flat, with a
allow component variations. The other consideration
relatively steep initial attenuation at the corner
is that the attenuation must be large enough to
frequency. The problem with this characteristic is that
ensure the
anti-aliasing/reconstruction
filtering
is
the group delay rises near the corner frequency.
adequate to meet the system demands. Thus, the
Group delay is defined as the change in phase
filter frequencies were not arbitrarily selected and are
(radians/second) divided by a change in frequency.
a good compromise that should meet the demands of
An increase in group delay corresponds to a time
most systems.
domain pulse response that has overshoot and some
possible ringing associated with the overshoot.
The use of other type of filters, such as elliptic or
Two key benefits of using an integrated filter system
chebyshev,
are
not
recommended
for
video
such as the THS7375 over a passive system are
applications because of the very large group delay
PCB area and filter variations. The small TSSOP-14
variations near the corner frequency that results in
package for four video channels is much smaller over
significant overshoot and ringing. While these elliptic
a passive RLC network, especially a six-pole passive
or chebyshev filters may help meet the video
network. Additionally, consider that inductors have at
standard specifications with respect to amplitude
best ±10% tolerances (normally ±15% to ±20% are
attenuation, the group delay is well beyond the
common)
and
capacitors
typically
have
±10%
standard specifications. When considering these filter
tolerances. Using a Monte Carlo analysis shows that
types, keep in mind that video can go from a white
the filter corner frequency (–3 dB), flatness (–1 dB), Q
pixel to a black pixel over and over again, and ringing
factor (or peaking), and channel-to-channel delay
can easily occur. Ringing typically causes a display to
have wide variations. This approach can lead to
have ghosting or fuzziness appear on the edges of a
potential
performance
and
quality
issues
in
sharp transition. On the other hand, a Bessel filter
mass-production environments. The THS7375 solves
has ideal group delay response, but the rate of
most of these problems with the corner frequency
attenuation is typically too slow for acceptable image
being essentially the only variable.
rejection. Thus, the Butterworth filter is a respectable
compromise for both attenuation and group delay.
Another concern about passive filters is the use of
inductors. Inductors are magnetic components and
The THS7375 filters have a nominal corner (–3 dB)
are
therefore
susceptible
to
electromagnetic
frequency at 9.5 MHz and a –1-dB passband typically
coupling/interference
(EMC/EMI).
Some
common
at 8 MHz. This 9.5-MHz filter is ideal for standard
coupling can occur because of other nearby video
definition (SD) NTSC, PAL, and SECAM composite
channels that use inductors for filtering, or it can
video (CVBS) signals. It is also useful for s-video
come from nearby switched-mode power supplies.
signals (Y'C'), 480i/576i Y'P'BP'R, Y'U'V', broadcast
Some other forms of coupling could be from outside
G'B'R' (R'G'B') signals, and computer video signals.
sources with strong EMI radiation that can cause
The 9.5-MHz, –3-dB corner frequency was designed
failure in EMC testing such as required for CE
to achieve 54 dB of attenuation at 27 MHz—a
compliance.
common sampling frequency between the DAC/ADC
second and third Nyquist zones found in many video
One concern about an active filter in an integrated
systems. This consideration is important because any
circuit is the variation of the filter characteristics when
signal that appears around this frequency can also
the ambient temperature and the subsequent die
appear in the baseband as the result of aliasing
temperature
change.
To
minimize
temperature
effects of an ADC found in a receiver.
effects,
the
THS7375
uses
low
temperature
coefficient resistors and high-quality/low-temperature
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com