Electronic Components Datasheet Search
  English  ▼

X  

CC2590RGVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVR
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVR Datasheet(HTML) 3 Page - Texas Instruments

  CC2590RGVR Datasheet HTML 1Page - Texas Instruments CC2590RGVR Datasheet HTML 2Page - Texas Instruments CC2590RGVR Datasheet HTML 3Page - Texas Instruments CC2590RGVR Datasheet HTML 4Page - Texas Instruments CC2590RGVR Datasheet HTML 5Page - Texas Instruments CC2590RGVR Datasheet HTML 6Page - Texas Instruments CC2590RGVR Datasheet HTML 7Page - Texas Instruments CC2590RGVR Datasheet HTML 8Page - Texas Instruments CC2590RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CC2590
www.ti.com ........................................................................................................................................................................................ SWRS080 – SEPTEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
TC = 25°C, VDD = 3.0V , fRF= 2440MHz (unless otherwise noted). Measured on CC2590EM reference design including
external matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input IP3, High Gain Mode
HGM = 1
–9
dBm
Input reflection coefficient, S11
HGM = 1, measured at antenna port
–19
dB
RF Transmit
Gain
14.1
dB
PIN = 4.5 dBm
13.8
dBm
Output power, POUT
PIN = 0.5 dBm
12.2
dBm
PIN = -3.5 dBm
10.0
dBm
Power Added Efficiency, PAE
PIN = 0.5 dBm
23.5
%
Output 1 dB compression
10.4
dBm
Output IP3
23
dBm
Output power variation over frequency
2400 – 2483.5 MHz, PIN = 0.5 dBm
0.3
dB
Output power variation over power supply
2.0V – 3.6V , PIN = 0.5 dBm
3.2
dB
Output power variation over temperature
-40°C – 85°C, PIN = 0.5 dBm
1.1
dB
The 2nd harmonic can be reduced to below regulatory
2nd harmonic power
limits by using an external LC filter and antenna. See
–14
dBm
application note AN032 for regulatory requirements.
The 3rd harmonic can be reduced to below regulatory
3rd harmonic power
limits by using an external LC filter and antenna. See
–28
dBm
application note AN032 for regulatory requirements.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com