Electronic Components Datasheet Search
  English  ▼

X  

CC2590RGVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVT
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVT Datasheet(HTML) 2 Page - Texas Instruments

  CC2590RGVT Datasheet HTML 1Page - Texas Instruments CC2590RGVT Datasheet HTML 2Page - Texas Instruments CC2590RGVT Datasheet HTML 3Page - Texas Instruments CC2590RGVT Datasheet HTML 4Page - Texas Instruments CC2590RGVT Datasheet HTML 5Page - Texas Instruments CC2590RGVT Datasheet HTML 6Page - Texas Instruments CC2590RGVT Datasheet HTML 7Page - Texas Instruments CC2590RGVT Datasheet HTML 8Page - Texas Instruments CC2590RGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CC2590
SWRS080 – SEPTEMBER 2008 ........................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
PARAMETER
VALUE
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3 to 3.6
V
Voltage on any digital pin
–0.3 to VDD + 0.3, max 3.6
V
Input RF level
+10
dBm
Storage temperature range
–50 to 150
°C
Reflow soldering temperature
According to IPC/JEDEC J-STD-020
260
°C
Human Body Model, all pins except pin 10
2000
V
ESD
Human Body Model, pin 10
1900
V
Charged Device Model
1000
V
The operating conditions for CC2590 are listed below.
PARAMETER
MIN
MAX
UNIT
Ambient temperature range
–40
85
°C
Operating supply voltage
2.0
3.6
V
Operating frequency range
2400
2483.5
MHz
TC = 25°C, VDD = 3.0V , fRF= 2440MHz (unless otherwise noted). Measured on CC2590EM reference design including
external matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive current, High Gain Mode
HGM = 1
3.4
4.0
mA
Receive current, Low Gain Mode
HGM = 0
1.8
2.0
mA
PIN = 0.5 dBm, POUT = 12.2 dBm
22.1
mA
Transmit current
PIN = –3.5 dBm, POUT = 10.0 dBm
16.8
mA
Transmit current
No input signal
8.0
10.0
mA
Power down current
EN = PAEN = 0
0.1
0.3
µA
High input level (control pins)
EN, PAEN, HGM, RXTX
1.3
VDD
V
Low input level (control pins)
EN, PAEN, HGM, RXTX
0.3
V
Power down - Receive mode switching
1.4
µs
time
Power down - Transmit mode switching
0.8
µs
time
RF Receive
Gain, High Gain Mode
HGM = 1
11.4
dB
Gain, Low Gain Mode
HGM = 0
0
dB
Gain variation, 2400 – 2483.5 MHz, High
HGM = 1
1.2
dB
Gain Mode
Gain variation, 2.0V – 3.6V, High Gain
HGM = 1
1.7
dB
Mode
HGM = 1, including internal T/R switch and external
Noise figure, High Gain Mode
4.6
dB
antenna match
Input 1 dB compression, High Gain Mode
HGM = 1
–21
dBm
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CC2590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com