Electronic Components Datasheet Search
  English  ▼

X  

STP7NK80Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP7NK80Z
Description  N-CHANNEL800V-1.5ohm - 5.2A TO-220/TO-220FP/I2PAK/D2PAK Zener-Protected SuperMESH™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 1 Page - STMicroelectronics

  STP7NK80Z Datasheet HTML 1Page - STMicroelectronics STP7NK80Z Datasheet HTML 2Page - STMicroelectronics STP7NK80Z Datasheet HTML 3Page - STMicroelectronics STP7NK80Z Datasheet HTML 4Page - STMicroelectronics STP7NK80Z Datasheet HTML 5Page - STMicroelectronics STP7NK80Z Datasheet HTML 6Page - STMicroelectronics STP7NK80Z Datasheet HTML 7Page - STMicroelectronics STP7NK80Z Datasheet HTML 8Page - STMicroelectronics STP7NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
August 2002
STP7NK80Z - STP7NK80ZFP
STB7NK80Z - STB7NK80Z-1
N-CHANNEL800V-1.5
Ω - 5.2A TO-220/TO-220FP/I2PAK/D2PAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.5 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SMPS FOR INDUSTRIAL APPLICATION.
s
LIGHTING (PREHEATING)
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP7NK80Z
STP7NK80ZFP
STB7NK80Z
STB7NK80Z-1
800 V
800 V
800 V
800 V
< 1.8
Ω
< 1.8
Ω
< 1.8
Ω
< 1.8
Ω
5.2 A
5.2 A
5.2 A
5.2 A
125 W
30 W
125 W
125 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP7NK80Z
P7NK80Z
TO-220
TUBE
STP7NK80ZFP
P7NK80ZFP
TO-220FP
TUBE
STB7NK80ZT4
B7NK80Z
D2PAK
TAPE & REEL
STB7NK80Z
B7NK80Z
D2PAK
TUBE
(ONLY UNDER REQUEST)
STB7NK80Z-1
B7NK80Z
I2PAK
TUBE
TO-220
TO-220FP
1
2
3
I2PAK
1
3
D2PAK
1
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
432Kb / 18P
N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
09-Oct-2006
STP7NK80Z STMICROELECTRONICS-STP7NK80Z Datasheet
943Kb / 17P
N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
28-Mar-2010
logo
Inchange Semiconductor ...
STP7NK80Z ISC-STP7NK80Z Datasheet
302Kb / 2P
isc N-Channel MOSFET Transistor
STP7NK80ZF ISC-STP7NK80ZF Datasheet
284Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP7NK80ZFP STMICROELECTRONICS-STP7NK80ZFP Datasheet
432Kb / 18P
N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
09-Oct-2006
More results

Similar Description - STP7NK80Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH™ 줡ower MOSFET
April 2003
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_06 Datasheet
432Kb / 18P
N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
09-Oct-2006
STP9NK50Z STMICROELECTRONICS-STP9NK50Z_04 Datasheet
580Kb / 13P
N-CHANNEL 500V - 0.72W - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH??Power MOSFET
Jun-2004
STB6NK60Z STMICROELECTRONICS-STB6NK60Z Datasheet
558Kb / 17P
N-channel 600V - 1廓 - 6A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
23-May-2007
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
N-channel 600 V - 1 Ω - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
22-Nov-2007
STB10NK60Z STMICROELECTRONICS-STB10NK60Z_08 Datasheet
860Kb / 19P
N-channel 650 V, 0.65 廓, 10 A, SuperMESH??Power MOSFET Zener-protected I2PAK, D2PAK, TO-220, TO-220FP, TO-247
17-Nov-2008
STP7NK80Z STMICROELECTRONICS-STP7NK80Z_10 Datasheet
943Kb / 17P
N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
28-Mar-2010
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com