Electronic Components Datasheet Search
  English  ▼

X  

STP80NF55L-08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP80NF55L-08
Description  N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF55L-08 Datasheet(HTML) 1 Page - STMicroelectronics

  STP80NF55L-08 Datasheet HTML 1Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 2Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 3Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 4Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 5Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 6Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 7Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
PRELIMINARY DATA
April 2003
STP80NF55L-08
STB80NF55L-08
N-CHANNEL 55V - 0.0065
Ω - 80A - TO-220/D2PAK
STripFET™ II POWER MOSFET
(1) Current Limited by Package
(2) ISD ≤80A, di/dt ≤500A/µs, VDD =40V Tj ≤ TJMAX.
(3) Starting Tj=25°C, ID=40A, VDD=40V
s
TYPICAL RDS(on) = 0.0065Ω
s
LOW THRESHOLD DRIVE
s
LOGIC LEVEL DEVICE
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
“Single
Feature
Size
™” strip-based process. The resulting tran-
sistor shows extremely high packing density for
low on-resistance, rugged avalance characteris-
tics and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP80NF55L-08
STB80NF55L-08
55 V
55 V
0.008
Ω
0.008
Ω
80 A
80 A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
55
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
55
V
VGS
Gate- source Voltage
± 16
V
ID (1)
Drain Current (continuos) at TC = 25°C
80
A
ID (1)
Drain Current (continuos) at TC = 100°C
80
A
IDM ( )
Drain Current (pulsed)
320
A
PTOT
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (2)
Peak Diode Recovery voltage slope
15
V/ns
EAS(3)
Single Pulse Avalanche Energy
870
mJ
Tstg
Storage Temperature
–55 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
TO-220
1
2
3
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP80NF55L-08

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP80NF55L-08 ISC-STP80NF55L-08 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP80NF55L-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Mar-2002
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
Sep-2002
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
17-Aug-2006
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com