Electronic Components Datasheet Search
  English  ▼

X  

ACT4072 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4072
Description  Wide Input 2A Step Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4072 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4072 Datasheet HTML 2Page - Active-Semi, Inc ACT4072 Datasheet HTML 3Page - Active-Semi, Inc ACT4072 Datasheet HTML 4Page - Active-Semi, Inc ACT4072 Datasheet HTML 5Page - Active-Semi, Inc ACT4072 Datasheet HTML 6Page - Active-Semi, Inc ACT4072 Datasheet HTML 7Page - Active-Semi, Inc ACT4072 Datasheet HTML 8Page - Active-Semi, Inc ACT4072 Datasheet HTML 9Page - Active-Semi, Inc ACT4072 Datasheet HTML 10Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACT4072
Rev2, 27-May-08
Active-Semi
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Stability compensation
The feedback system of the IC is stabilized by the
components at the COMP pin, as shown in Figure
2. The DC loop gain of the system is determined by
the following equation:
COMP
VEA
OUT
VDC
G
A
I
V
222
.
1
A
=
The dominant pole P1 is due to CCOMP:
COMP
VEA
EA
1
P
C
A
2
G
f
π
=
COMP
COMP
1
Z
C
R
2
1
f
π
=
And finally, the third pole is due to RCOMP and
CCOMP2 (if CCOMP2 is used):
COMP2
COMP
3
P
C
R
2
1
f
π
=
Follow the following steps to compensate the IC:
STEP 1. Set the cross over frequency at 1/10 of the
switching frequency via RCOMP:
but limit RCOMP to 15kΩ maximum.
OUT
OUT
OUT
2
P
C
V
2
I
f
π
=
The first zero Z1 is due to RCOMP and CCOMP:
The second pole P2 is the output pole:
STEP 2. Set the zero fZ1 at 1/4 of the cross over
frequency. If RCOMP is less than 15kΩ, the equation
for CCOMP is:
If RCOMP is limited to 15kΩ, then the actual cross
over frequency is 3.4/(VOUTCOUT). Therefore:
OUT
OUT
5
COMP
C
V
10
x
3
.
1
C
−
=
STEP 3. If the output capacitor’s ESR is high
enough to cause a zero at lower than 4 times the
cross over frequency, an additional compensation
capacitor CCOMP2 is required. The condition for using
CCOMP2 is:
V
012
.
0
,
C
10
x
1
.
1
Min
R
OUT
OUT
6
ESROUT
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
≥
−
And the proper value for CCOMP2 is:
COMP
ESROUT
OUT
2
COMP
R
R
C
C
=
A small value CCOMP2 such as 100pF may improve
stability against PCB layout parasitic effects.
Table 2 shows some calculated results based on the
compensation method above.
Table 2:
Typical Compensation for Different Output volt-
ages and Output Capacitors
VOUT
COUT
RCOMP CCOMP CCOMP2
2.5V
22µF Ceramic
8.2kΩ
2.2nF
100pF
3.3V
22µF Ceramic
12kΩ
1.5nF
100pF
5V
22µF Ceramic
15kΩ
1.5nF
100pF
2.5V
47µF SP CAP
15kΩ
1.5nF
100pF
3.3V
47µF SP CAP
15kΩ
1.8nF
100pF
5V
47µF SP CAP
15kΩ
2.7nF
100pF
2.5V
470µF/6.3V/30mΩ
15kΩ
15nF
1nF
3.3V
470µF/6.3V/30mΩ
15kΩ
22nF
1nF
5V
470µF/6.3V/30mΩ
15kΩ
27nF
1nF
OUT
OUT
8
COMP
EA
SW
OUT
OUT
COMP
C
V
10
x
3
.
2
V
222
.
1
G
G
10
f
C
V
2
R
=
=
π
(10)
(12)
(11)
(13)
(4)
(5)
(6)
(7)
(8)
(Ω)
(9)
(Ω)
(F)
(F)
: CCOMP2 is needed for board parasitic and high ESR output
capacitor.
: CCOMP2 is needed only for high ESR output capacitors or PCB
parasitics
Figure 2:
Stability Compensation
Figure 3 shows an example ACT4072 application
circuit generating a 5V/2A output.
COMP
5
COMP
R
10
8
.
1
C
−
×
=
COMP
ACT4072
CCOPM2
CCOMP
RCOMP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com