Electronic Components Datasheet Search
  English  ▼

X  

STP80NS04Z Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP80NS04Z
Description  N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NS04Z Datasheet(HTML) 5 Page - STMicroelectronics

  STP80NS04Z Datasheet HTML 1Page - STMicroelectronics STP80NS04Z Datasheet HTML 2Page - STMicroelectronics STP80NS04Z Datasheet HTML 3Page - STMicroelectronics STP80NS04Z Datasheet HTML 4Page - STMicroelectronics STP80NS04Z Datasheet HTML 5Page - STMicroelectronics STP80NS04Z Datasheet HTML 6Page - STMicroelectronics STP80NS04Z Datasheet HTML 7Page - STMicroelectronics STP80NS04Z Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Normalized Gate Threshold Voltage vs
Temperature
Zero Gate Voltage Drain Current vs
Temperature
Normalized On Resistance vs Temperature
Source-drain Diode Forward Characteristics
STP80NS04Z
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com