Electronic Components Datasheet Search
  English  ▼

X  

ACT6390 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT6390
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6390 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT6390 Datasheet HTML 1Page - Active-Semi, Inc ACT6390 Datasheet HTML 2Page - Active-Semi, Inc ACT6390 Datasheet HTML 3Page - Active-Semi, Inc ACT6390 Datasheet HTML 4Page - Active-Semi, Inc ACT6390 Datasheet HTML 5Page - Active-Semi, Inc ACT6390 Datasheet HTML 6Page - Active-Semi, Inc ACT6390 Datasheet HTML 7Page - Active-Semi, Inc ACT6390 Datasheet HTML 8Page - Active-Semi, Inc ACT6390 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACT6390/ACT6391
Rev0, 13-May-08
Innovative PowerTM
- 4 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
(VIN = VEN = 3V, VFREQ = 0V, TA = 25°C, unless otherwise specified.)
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Switch Voltage Rating
12
V
Input Voltage
2.7
5.5
V
Under Voltage Lockout Threshold
VIN Rising
2.2
2.35
2.5
V
Under Voltage Lockout Hysteresis
65
mV
Quiescent Supply Current
VFB = 1.3V, Not Switching
0.2
0.35
mA
VFB = 1.0V, Switching
ACT6390
1
4
ACT6391
1.4
4
Supply Current in Shutdown
EN = G
0.1
10
µA
Switching Frequency
FREQ = G
490
700
910
kHz
FREQ = IN
900
1300
1700
kHz
Maximum Duty Cycle
FREQ = G
80
86
92
%
FREQ = IN
86
FB Feedback Voltage
1.22
1.24
1.26
V
FB Input Current
VFB = 1.27V
0
80
nA
FB Voltage Line Regulation
VFB from 2.6V to 5.5V
0.05
0.15
%/V
Error Amplifier Trans-conductance
∆I = 5µA
70
150
240
µs
Error Amplifier Output Current
VFB = 1.15V and 1.35V, VCOMP = 1.1V
11
µA
Switch Current Limit
VFB = 1V, Duty Cycle = 65%
ACT6390
1.2
1.7
2.3
A
ACT6391
1.8
2.5
3.4
Switch On Resistance
ACT6390
0.2
0.4
Ω
ACT6391
0.15
0.3
Switch Leakage Current
VSW = 12V, EN = G
15
µA
Current Sense Trans-resistance
ACT6390
0.45
V/A
ACT6391
0.3
Soft Start Pin Bias Current
VSS = 1.2V
2
4.5
7
µA
Soft Start Reset Resistance
VSS = 1.2V, VEN = 0V
110
220
Ω
Logic High Threshold
EN, FREQ
1.4
V
Logic Low Threshold
EN, FREQ
0.4
V
EN Input Current
VEN = 0V or 5V
0
1
µA
FREQ Pull-down Current
VFREQ = 3V
2.5
5.5
8.5
µA
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com