Electronic Components Datasheet Search
  English  ▼

X  

ACT6391 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT6391
Description  1.7A/2.5A PWM Step-Up DC/DC Converters In MSOP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT6391 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT6391 Datasheet HTML 1Page - Active-Semi, Inc ACT6391 Datasheet HTML 2Page - Active-Semi, Inc ACT6391 Datasheet HTML 3Page - Active-Semi, Inc ACT6391 Datasheet HTML 4Page - Active-Semi, Inc ACT6391 Datasheet HTML 5Page - Active-Semi, Inc ACT6391 Datasheet HTML 6Page - Active-Semi, Inc ACT6391 Datasheet HTML 7Page - Active-Semi, Inc ACT6391 Datasheet HTML 8Page - Active-Semi, Inc ACT6391 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ACT6390/ACT6391
Rev0, 13-May-08
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The ACT6390 and ACT6391 are highly efficient
step-up DC/DC converters that employ a current-
mode, fixed frequency pulse-width modulation
(PWM) architecture with excellent line and load
regulation.
The ACT6390 and ACT6391 operate at constant
switching frequency under medium to high load cur-
rent conditions. At light loads, these devices oper-
ate in a pulse-skipping mode in order to improve
light-load efficiency.
Soft-Start
The ACT6390 and ACT6391 both offer a program-
mable soft-start function which minimizes inrush
current during startup. The soft-start period is pro-
grammed by connecting a capacitor (CSS) between
SS and G. Operation of the soft-start function is as
follows: when the IC is disabled, SS is actively dis-
charged to G. Upon enabling the IC, CSS is charged
with a 4.5µA current so that the voltage at SS in-
creases in a controlled manner. The peak inductor
current is limited by the voltage at SS, so that the
input current is limited until the soft-start period ex-
pires, and the regulator can achieve its full output
current rating.
The soft-start period can be calculated as a simple
function of the soft-start capacitor using the equa-
tion:
Frequency Selection
The ACT6390 and ACT6391 include a pin-
selectable operating frequency drive FREQ to a
logic high for 1.3MHz operation, drive FREQ to a
logic low for 700kHz operation.
Selectable operating frequency, in combination with
the external compensation network, allows a wide
range of flexibility in optimizing total solution size
and cost.
FREQ is internally pulled down by 5.5µA, this pin
may be left unconnected to achieve a 700kHz oper-
ating frequency.
Setting the Output Voltage
The ACT6390 and ACT6391 both feature external
adjustable output voltages of up to 12V. To program
the output voltage, simply connect a resistive volt-
age divider between the output, FB, and G, with
resistors set according to the following equation:
Where VFB is 1.24V.
SS
5
SS
C
10
2
.
2
t
×
×
=
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
1
V
V
2
R
1
R
FB
OUT
5.5µA
4.5µA
-
+
IN
SS
SW
G
FREQ
FB
COMP
EN
OSCILLATOR
SLOPE
COMPENSATION
CONTROL
AND
DRIVE
LOGIC
SOFT
START
ERROR
COMPARATOR
CLOCK
CURRENT SENSE
AMPLIFIER
+
ERROR
AMPLIFIER
1.24V
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com