Electronic Components Datasheet Search
  English  ▼

X  

21462C Datasheet(PDF) 11 Page - Microchip Technology

Part # 21462C
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

21462C Datasheet(HTML) 11 Page - Microchip Technology

Back Button 21462C Datasheet HTML 7Page - Microchip Technology 21462C Datasheet HTML 8Page - Microchip Technology 21462C Datasheet HTML 9Page - Microchip Technology 21462C Datasheet HTML 10Page - Microchip Technology 21462C Datasheet HTML 11Page - Microchip Technology 21462C Datasheet HTML 12Page - Microchip Technology 21462C Datasheet HTML 13Page - Microchip Technology 21462C Datasheet HTML 14Page - Microchip Technology 21462C Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2002 Microchip Technology Inc.
DS21462C-page 11
TC74
5.3
Package Dimensions
SOT-23A-5
.122 (3.10)
.098 (2.50)
.071 (1.80)
.059 (1.50)
.037 (0.95)
REF.
.020 (0.50)
.012 (0.30)
.118 (3.00)
.010 (2.80)
.006 (0.15)
.000 (0.00)
.057 (1.45)
.035 (0.90)
10° MAX.
.024 (0.60)
.004 (0.10)
.010 (0.25)
.004 (0.09)
.075 (1.90)
REF.
PIN 1
Dimensions: inches (mm)
5-Pin TO-220
.273 (6.93)
.263 (6.68)
.037 (0.95)
.025 (0.64)
.117 (2.97)
.103 (2.62)
.415 (10.54)
.390 (9.91)
.156 (3.96)
.140 (3.56)
DIA.
.293 (7.44)
.204 (5.18)
.590 (14.99)
.482 (12.24)
.072 (1.83)
.062 (1.57)
PIN 1
.185 (4.70)
.165 (4.19)
.055 (1.40)
.045 (1.14)
.613 (15.57)
.569 (14.45)
.115 (2.92)
.087 (2.21)
.025 (0.64)
.012 (0.30)
3 - 7.5
5 PLCS.
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com