Electronic Components Datasheet Search
  English  ▼

X  

2SC3503FSTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 2SC3503FSTU
Description  NPN Epitaxial Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2SC3503FSTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  2SC3503FSTU Datasheet HTML 1Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 2Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 3Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 4Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 5Page - Fairchild Semiconductor 2SC3503FSTU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC3503/KSC3503 Rev. A1
4
Typical Characteristics (Continued)
Figure 7. Reverse Transfer Capacitance
Figure 8. Current Gain Gandwidth Product
Figure 9. Safe Operating Area
Figure 10. Power Derating
0.1
1
10
100
1000
0.1
1
10
100
f=1MHz
VCB[V], COLLECTOR-BASE VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
VCE = 30V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
1
10
100
1000
D
C
(T
a =
25 o
C
)
10ms
1ms
IC MAX. (Pulse)
IC MAX.
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
T
C
=125
oC
T
c
=25
oC
T[
oC], TEMPERATURE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com