Electronic Components Datasheet Search
  English  ▼

X  

FSUSB22 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSUSB22
Description  Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSUSB22 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB22 • Rev. 1.0.3
5
AC Electrical Characteristics
Typical values are at VCC = 3.0V and TA = 25°C.
Symbol
Parameter
Conditions
VCC(V)
Min.
Typ.
Max.
Units
Figure
tON
Turn-on Time
S-to-Bus B
3.0 to 3.6
4.5
6.0
ns
Figure 9
Figure 10
tOFF
Turn-off Time
S-to-Bus B
3.0 to 3.6
2.5
4.0
ns
Figure 9
Figure 10
tPD
Propagation Delay
CL = 10pF
3.0 to 3.6
0.25
ns
Figure 14
OIRR
Non-Adjacent Off
Isolation
f = 250MHz,
RL = 50Ω
3.0 to 3.6
-30
dB
Figure 11
XTALK
Non-Adjacent
Channel Crosstalk
f = 250MHz,
RL = 50Ω
3.0 to 3.6
-38
dB
Figure 12
BW
-3dB Bandwidth
RL = 50Ω
3.0 to 3.6
750
MHz
Figure 13
USB Related AC Electrical Characteristics
Typical values are at VCC = 3.0V and TA = 25°C.
Symbol
Parameter
Conditions
VCC (V)
Min.
Typ.
Max.
Units
Figure
tSK(O)
Channel-to Channels
Skew
CL = 10pF
3.0 to 3.6
0.051
pF
Figure 14
Figure 16
tSK(P)
Skew of Opposite
Transition of the
Same Output
CL = 10pF
3.0 to 3.6
0.020
pF
Figure 14
Figure 16
TJ
Total Jitter
RL = 50Ω,
CL = 10pF
tR = tF = 750ps
at 480MPs
3.0 to 3.6
0.210
Capacitance
Typical values are at VCC = 3.0V and TA = 25°C.
Symbol
Parameter
Conditions
Typ.
Unists
CIN
Control Pin Input Capacitance
VCC = 0V
2.5
pF
CON
A/B On Capacitance
VCC = 3.3V, /OE = 0V
12
pF
COFF
Port B Off Capacitance
VCC and /OE = 3.3V
4.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com