Electronic Components Datasheet Search
  English  ▼

X  

L6756D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 11Page - STMicroelectronics L6756D Datasheet HTML 12Page - STMicroelectronics L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics L6756D Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
L6756D
Electrical specifications
15/36
2
2
1.40000
6
2
1.00000
A
2
0.60000
E
2
0.20000
2
3
1.39375
6
3
0.99375
A
3
0.59375
E
3
0.19375
2
4
1.38750
6
4
0.98750
A
4
0.58750
E
4
0.18750
2
5
1.38125
6
5
0.98125
A
5
0.58125
E
5
0.18125
2
6
1.37500
6
6
0.97500
A
6
0.57500
E
6
0.17500
2
7
1.36875
6
7
0.96875
A
7
0.56875
E
7
0.16875
2
8
1.36250
6
8
0.96250
A
8
0.56250
E
8
0.16250
2
9
1.35625
6
9
0.95625
A
9
0.55625
E
9
0.15625
2
A
1.35000
6
A
0.95000
A
A
0.55000
E
A
0.15000
2
B
1.34375
6
B
0.94375
A
B
0.54375
E
B
0.14375
2
C
1.33750
6
C
0.93750
A
C
0.53750
E
C
0.13750
2
D
1.33125
6
D
0.93125
A
D
0.53125
E
D
0.13125
2
E
1.32500
6
E
0.92500
A
E
0.52500
E
E
0.12500
2
F
1.31875
6
F
0.91875
A
F
0.51875
E
F
0.11875
3
0
1.31250
7
0
0.91250
B
0
0.51250
F
0
0.11250
3
1
1.30625
7
1
0.90625
B
1
0.50625
F
1
0.10625
3
2
1.30000
7
2
0.90000
B
2
0.50000
F
2
0.10000
3
3
1.29375
7
3
0.89375
B
3
0.49375
F
3
0.09375
3
4
1.28750
7
4
0.88750
B
4
0.48750
F
4
0.08750
3
5
1.28125
7
5
0.88125
B
5
0.48125
F
5
0.08125
3
6
1.27500
7
6
0.87500
B
6
0.47500
F
6
0.07500
3
7
1.26875
7
7
0.86875
B
7
0.46875
F
7
0.06875
3
8
1.26250
7
8
0.86250
B
8
0.46250
F
8
0.06250
3
9
1.25625
7
9
0.85625
B
9
0.45625
F
9
0.05625
3
A
1.25000
7
A
0.85000
B
A
0.45000
F
A
0.05000
3
B
1.24375
7
B
0.84375
B
B
0.44375
F
B
0.04375
3
C
1.23750
7
C
0.83750
B
C
0.43750
F
C
0.03750
3
D
1.23125
7
D
0.83125
B
D
0.43125
F
D
0.03125
3
E
1.22500
7
E
0.82500
B
E
0.42500
F
E
OFF
3
F
1.21875
7
F
0.81875
B
F
0.41875
F
F
OFF
Table 6.
Voltage identification (VID) for Intel VR11.x mode (continued)
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage
HEX code
VID[7:0]
Output
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36