Electronic Components Datasheet Search
  English  ▼

X  

L6756DTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6756DTR
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756DTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6756DTR Datasheet HTML 21Page - STMicroelectronics L6756DTR Datasheet HTML 22Page - STMicroelectronics L6756DTR Datasheet HTML 23Page - STMicroelectronics L6756DTR Datasheet HTML 24Page - STMicroelectronics L6756DTR Datasheet HTML 25Page - STMicroelectronics L6756DTR Datasheet HTML 26Page - STMicroelectronics L6756DTR Datasheet HTML 27Page - STMicroelectronics L6756DTR Datasheet HTML 28Page - STMicroelectronics L6756DTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
L6756D
Output voltage positioning
25/36
5.6.1
LSLESS start-up
In order to avoid any kind of negative undershoot on the load side during start-up, L6756D
performs a special sequence in enabling the drivers for both sections: during the soft-start
phase, the LS driver results to be disabled (LS = OFF - Gx set to HiZ and DRVON = 0) until
the first PWM pulse. After the first PWM pulse, Gx outputs switches between logic “0” and
logic “1” and DRVON is set to logic “1”.
This particular sequence avoids the dangerous negative spike on the output voltage that
can happen if starting over a pre-biased output.
Low-side MOSFET turn-on is masked only from the control loop point of view: protections
are still allowed to turn-ON the low-side MOSFET in case of overvoltage if needed.
Figure 10.
LSLESS start-up: enabled (left) and disabled (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com