Electronic Components Datasheet Search
  English  ▼

X  

PM8834TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8834TR
Description  4 A dual low side MOSFET driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8834TR Datasheet(HTML) 5 Page - STMicroelectronics

  PM8834TR Datasheet HTML 1Page - STMicroelectronics PM8834TR Datasheet HTML 2Page - STMicroelectronics PM8834TR Datasheet HTML 3Page - STMicroelectronics PM8834TR Datasheet HTML 4Page - STMicroelectronics PM8834TR Datasheet HTML 5Page - STMicroelectronics PM8834TR Datasheet HTML 6Page - STMicroelectronics PM8834TR Datasheet HTML 7Page - STMicroelectronics PM8834TR Datasheet HTML 8Page - STMicroelectronics PM8834TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PM8834
Electrical specifications
5/18
2.2
Thermal data
Table 3.
Thermal data
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
SO8
DFN8
RthJA
Thermal resistance junction to ambient
(Device soldered on 2s2p PC board - 67 mm x 67 mm)
85
45
°C/W
RthJC
Thermal resistance junction to case
-
5
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-40 to 150
°C
TJ
Junction temperature range
-40 to 150
°C
TA
Operating ambient temperature range
-40 to 105
°C
PTOT
Maximum power dissipation at 25 °C
(Device soldered on 2s2p PC board)
1.4
2.25
W
Symbol
Parameter
Value
Unit
All pins
to GND
-0.3 to 19
V
IOUTx
DC output current
500
mA
VHBM
ESD capability, human body model
2kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com